Electronic Components Datasheet Search
  English  ▼

X  

TC855 Datasheet(PDF) 67 Page - Allen-Bradley

Part # TC855
Description  IEC Contactor Specifications
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEN-BRADLEY [Allen-Bradley]
Direct Link  http://www.ab.com
Logo ALLEN-BRADLEY - Allen-Bradley

TC855 Datasheet(HTML) 67 Page - Allen-Bradley

Back Button TC855 Datasheet HTML 63Page - Allen-Bradley TC855 Datasheet HTML 64Page - Allen-Bradley TC855 Datasheet HTML 65Page - Allen-Bradley TC855 Datasheet HTML 66Page - Allen-Bradley TC855 Datasheet HTML 67Page - Allen-Bradley TC855 Datasheet HTML 68Page - Allen-Bradley TC855 Datasheet HTML 69Page - Allen-Bradley TC855 Datasheet HTML 70Page - Allen-Bradley TC855 Datasheet HTML 71Page - Allen-Bradley Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 114 page
background image
Rockwell Automation Publication 100-TD013J-EN-P - April 2021
67
100-E/104-E, 100S-E/104S-E Contactors
Accessories
Auxiliary Contact Blocks for Front Mounting with A1/A2 Coil
Terminal Blocks
•2-pole
• Quick and easy mounting without tools
• Screw connection terminals
• Switching down to 12V, 3mA
• Mirror contact performance to the main contactor poles
11
100-E09
10…100-E1610
100-EFC11T
11
100-E26
00…100-E6500
100-E09
400…100-E52400
100-E09
200…100-E40200
100-EFB11T
Auxiliary Contact Blocks for Side Mounting
•2-pole
• Two-way numbering for right or left mounting on the
contactor
• With or without sequence terminal designations
• Quick and easy mounting without tools
• Screw connecting terminals
• Switching down to 12V, 3mA
• Mirror contact performance to the main contactor poles
1
1
100-E26…100-E96
100-ESB11
1
1
100-E09…100-E96
100-ESA11
Auxiliary Contact Blocks for Front Mounting for Severe
Industrial Applications
•1-pole
• Available in two IP degrees of ingress protection
– B, B2 with built-in microswitch, IP40 degree of protection
– (IP20 terminals)
– B3, B4 with built-in microswitch, IP67 degree of
protection
– (IP20 terminals), 250V, 2 A max.
• Available in two voltage and current ratings
– B, B3: 125V, 0.1 A max., 3V, 1 mA min.
– B2, B4: 250V, 2 A max., 17V, 1 mA min.
10
100-E09…100-E96
100-ESA10B
01
100-ESA01B
10
100-ESA10B2
01
100-ESA01B2
10
100-ESA10B3
01
100-ESA01B3
10
100-ESA10B4
01
100-ESA01B4
Auxiliary Contact Blocks for Side Mounting with Sequence
Terminal Designations
•2-pole
• Two-way numbering for right or left mounting on the
contactor
• Quick and easy mounting without tools
• Mirror contact performance to the main contactor poles
• Low power switching down to 24V 50 mA
11
100-E116…E370,
left or right inside mounting
100-ES1-11
11
100-E116…E370,
left or right outside mounting
100-ES2-11
Low-power Auxiliary Contact Blocks for Side Mounting with
Sequence Terminal Designations (1)
•1-pole
• Two-way numbering for right or left mounting on the
contactor
• Quick and easy mounting without tools
• Mirror contact performance to the main contactor poles
• Electronic compatible, 3V 1 mA
10
100-E116…E370,
left or right inside or outside
mounting
100-ES1-B10
01
100-E116…E370,
left or right inside or outside
mounting
100-ES1-B01
Auxiliary Contact Blocks for Side Mounting with Sequence
Terminal Designations
•2-pole
• Two-way numbering for right or left mounting on the
contactor
• Quick and easy mounting without tools
• Mirror contact performance to the main contactor poles
• Low power switching down to 24V 50 mA
11
100-E400…E2650,
left or right inside mounting
100-ES3-11
11
100-E400…E2650,
left or right outside mounting
100-ES4-11
Low-power Auxiliary Contact Blocks for Side Mounting with
Sequence Terminal Designations (1)
•1-pole
• Two-way numbering for right or left mounting on the
contactor
• Quick and easy mounting without tools
• Mirror contact performance to the main contactor poles
• Electronic compatible, 3V 1 mA
10
100-E400…E2650,
left or right inside or outside
mounting
100-ES3-B10
01
100-E400…E2650,
left or right inside or outside
mounting
100-ES3-B01
(1)
No auxiliary contacts blocks can be mounted on the outside of the 100-ES1-B* or 100-ES3-B* devices.
Auxiliary Contact Blocks with Standard Auxiliary Contacts (Continued)
Description
Connection Diagrams
For Use With
Cat. No.
N.O.
N.C.
22
21
34
33
NC
NO
22
21
14
13
NC
NO
22
21
14
13
NC
NO
-2
-1
-4
-3
NC
NO
-3
-4
-2
-1
NO
NC
NO 14
NO 13
NC 22
NC 21
NO 54
NO 53
NC 62
NC 61
NO 18
NO 17
NC 16
NC 15
NO 14
NO 13
NC 22
NC 21
NO 54
NO 53
NC 62
NC 61
NO 18
NO 17
NC 16
NC 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com