Electronic Components Datasheet Search
  English  ▼

X  

LT3041 Datasheet(PDF) 4 Page - Analog Devices

Part # LT3041
Description  20 V, 1 A, Ultra-Low Noise, Ultra-High PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3041 Datasheet(HTML) 4 Page - Analog Devices

  LT3041 Datasheet HTML 1Page - Analog Devices LT3041 Datasheet HTML 2Page - Analog Devices LT3041 Datasheet HTML 3Page - Analog Devices LT3041 Datasheet HTML 4Page - Analog Devices LT3041 Datasheet HTML 5Page - Analog Devices LT3041 Datasheet HTML 6Page - Analog Devices LT3041 Datasheet HTML 7Page - Analog Devices LT3041 Datasheet HTML 8Page - Analog Devices LT3041 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Data Sheet
LT3041
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 36
Table 1. Electrical Characteristics
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT RMS NOISE3, 7
IL = 1 A, bandwidth = 10 Hz to 100 kHz, CSET = 0.47 µF,
VOUT = 3.3 V
2.2
µV rms
IL = 1 A, bandwidth = 10 Hz to 100 kHz, CSET = 4.7 µF,
1.3 V ≤ VOUT ≤ 15 V
1.0
µV rms
IL = 1 A, bandwidth = 10 Hz to 100 kHz, CSET = 4.7 µF,
0.2 V ≤ VOUT < 1.3 V
2.3
µV rms
OUTPUT PEAK-TO-PEAK 1/F NOISE3, 7
IL = 1 A, bandwidth = 0.1 Hz to 10 Hz, CSET = 4.7 µF,
VOUT = 3.3 V
25
µV p-p
IL = 1 A, bandwidth = 0.1 Hz to 10 Hz, CSET = 22 µF,
VOUT = 3.3 V
8
µV p-p
REFERENCE CURRENT RMS OUTPUT NOISE3, 7
Bandwidth = 10 Hz to 100 kHz
6
nA rms
POWER-SUPPLY REJECTION RATIO (PSRR)
1.3 V ≤ VOUT ≤ 15 V (VIN – VOUT = 1.7 V (Avg)3, 7)
Ripple voltage (VRIPPLE) = 500 mV p-p, ripple frequency
(fRIPPLE) = 120 Hz, IL = 1 A
100
dB
VRIPPLE = 150 mV p-p, fRIPPLE = 10 kHz, IL = 1 A
90
dB
VRIPPLE = 150 mV p-p, fRIPPLE = 100 kHz, IL = 1 A
77
dB
VRIPPLE = 150 mV p-p, fRIPPLE = 1 MHz, IL = 1 A
70
dB
VRIPPLE = 80 mV p-p, fRIPPLE = 10 MHz, IL = 1 A
56
dB
0.2 V ≤ VOUT < 1.3 V (VIN – VOUT = 1.7 V (Avg) or
VIN(min) = 2.2V3, 7)
VRIPPLE = 500 mV p-p, fRIPPLE = 120 Hz, IL = 1 A
102
dB
VRIPPLE = 50 mV p-p, fRIPPLE = 10 kHz, IL = 1 A
86
dB
VRIPPLE = 50 mV p-p, fRIPPLE = 100 kHz, IL = 1 A
73
dB
VRIPPLE = 50 mV p-p, fRIPPLE = 1 MHz, IL = 1 A
72
dB
VRIPPLE = 50 mV p-p, fRIPPLE = 10 MHz, IL = 1 A
60
dB
EN/UV PIN
Threshold
EN/UV trip-point rising (turn-on), VIN = 2.2 V
1.20
1.28
1.36
V
Hysteresis
EN/UV trip-point hysteresis, VIN = 2.2 V
110
mV
Current (IEN/UV)
EN/UV voltage (VEN/UV) = 0 V, VIN = 20 V
±1
µA
VEN/UV = 1.28 V, VIN = 20 V
0.003
µA
VEN/UV = 20 V, VIN = 0 V
1.5
8
µA
QUIESCENT CURRENT IN SHUTDOWN (VEN/UV = 0 V)
VIN = 6 V, TA = 25°C
18
40
µA
VIN = 6 V
100
µA
CURRENT LIMIT
Internal8
VIN = 2.2 V, VOUT = 0 V
1.15
1.25
1.35
A
VIN = 12 V, VOUT = 0 V
1.1
A
VIN = 20 V, VOUT = 0 V
200
340
520
mA
Programmable
Programming scale factor: 2.2 V < VIN < 20 V9
150
mA × kΩ
VIN = 2.2 V, VOUT = 0 V, RILIM = 150 Ω
0.9
1
1.1
A
VIN = 2.2V, VOUT = 0 V, RILIM = 300 Ω
450
500
550
mA
PGFB PIN
Trip Point
PGFB trip-point rising
292
302
312
mV
Hysteresis
PGFB trip-point hysteresis
7
mV
Current (IPGFB)
VIN = 2.2V, VPGFB = 300 mV
25
nA
PG PIN
Output Low Voltage
PG current (IPG) = 100 µA
40
120
mV
Leakage Current
PG voltage (VPG) = 20 V
1
µA
REVERSE CURRENT
Input
VIN = –20 V, VEN/UV = 0 V, VOUT = 0 V, VSET = 0 V
200
µA
Output
VIN = 0 V, VOUT = 5 V, SET = open, TA = 25°C
16
1000
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com