Electronic Components Datasheet Search
  English  ▼

X  

LT3041 Datasheet(PDF) 30 Page - Analog Devices

Part # LT3041
Description  20 V, 1 A, Ultra-Low Noise, Ultra-High PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3041 Datasheet(HTML) 30 Page - Analog Devices

Back Button LT3041 Datasheet HTML 26Page - Analog Devices LT3041 Datasheet HTML 27Page - Analog Devices LT3041 Datasheet HTML 28Page - Analog Devices LT3041 Datasheet HTML 29Page - Analog Devices LT3041 Datasheet HTML 30Page - Analog Devices LT3041 Datasheet HTML 31Page - Analog Devices LT3041 Datasheet HTML 32Page - Analog Devices LT3041 Datasheet HTML 33Page - Analog Devices LT3041 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Data Sheet
LT3041
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 30 of 36
or if the EN/UV pin is pulled high after the input voltage is already
turned on. The load-line in such cases intersects the output-current
profile at two points. The regulator now has two stable operating
points. With this double intersection, the input-power supply may
need to be cycled down to zero and brought back up again to
result in the output recover. Other LDO regulators with foldback
current-limit protection (such as the LT1965 and LT1963A) also
exhibit this phenomenon; therefore, it is not unique to the LT3041.
PROTECTION FEATURES
The LT3041 incorporates several protection features for battery-
powered applications. Precision current-limit and thermal-overload
protection protect the LT3041 against overload and fault conditions
at the output of the device. For normal operation, do not allow the
junction temperature to exceed 125°C.
To protect the low-noise error amplifier of the LT3041, the SET-to-
OUTS protection clamp limits the maximum voltage between SET
and OUTS with a maximum DC current of 20 mA through the
clamp. Therefore, for applications where SET is actively driven by
a voltage source, the voltage source must be current limited to 20
mA or less. Moreover, to limit the transient current flowing through
these clamps during a transient fault condition, limit the maximum
value of the SET pin capacitor (CSET) to 22 μF.
The LT3041 also incorporates reverse-input protection whereby the
IN pin withstands reverse voltages of up to –20 V without causing
any input-current flow and without developing negative voltages at
the OUT pin. The regulator protects both itself and the load against
batteries that are plugged in backwards.
In circuits where a backup battery is required, several different input
and output conditions can occur. The output voltage can be held up
while the input is either pulled to GND, pulled to some intermediate
voltage, or left open-circuit. In all cases, the reverse-current protec-
tion circuitry prevents current flow from the output to the input.
Nonetheless, due to the OUTS-to-SET clamp, unless the SET pin
is floating, current can flow to GND through the SET pin resistor as
well as up to 15 mA to GND through the output overshoot recovery
circuitry. This current flow through the output overshoot recovery
circuitry can be significantly reduced by placing a Schottky diode
between the OUTS and SET pins, with its anode at the OUTS pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com