Electronic Components Datasheet Search
  English  ▼

X  

LT3041 Datasheet(PDF) 5 Page - Analog Devices

Part # LT3041
Description  20 V, 1 A, Ultra-Low Noise, Ultra-High PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3041 Datasheet(HTML) 5 Page - Analog Devices

  LT3041 Datasheet HTML 1Page - Analog Devices LT3041 Datasheet HTML 2Page - Analog Devices LT3041 Datasheet HTML 3Page - Analog Devices LT3041 Datasheet HTML 4Page - Analog Devices LT3041 Datasheet HTML 5Page - Analog Devices LT3041 Datasheet HTML 6Page - Analog Devices LT3041 Datasheet HTML 7Page - Analog Devices LT3041 Datasheet HTML 8Page - Analog Devices LT3041 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Data Sheet
LT3041
SPECIFICATIONS
analog.com
Rev. 0 | 5 of 36
Table 1. Electrical Characteristics
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
THERMAL SHUTDOWN
TJ rising
169
°C
Hysteresis
5
°C
START-UP TIME
VOUT (NOM) = 5 V, IL = 1 A, CSET = 0.47 µF, VIN = 6 V,
VPGFB = 6 V
55
ms
VOUT (NOM) = 5 V, IL = 1 A, CSET = 4.7 µF, VIN = 6 V,
VPGFB = 6 V
550
ms
VOUT (NOM) = 5 V, IL = 1 A, CSET = 4.7 µF, VIN = 6 V,
Power-Good 1 resistance (RPG1) = 50 kΩ, Power-Good 2
resistance (RPG2) = 700 kΩ (with fast startup to 90% of
VOUT)
10
ms
THERMAL REGULATION
10 ms pulse
–0.01
%/W
DIFFERENTIAL VIOC10
VIOC amplifier gain
1
V/V
VIOC pin voltage range: VOUT > VIOC voltage (VVIOC) +
0.6 V
1
4
V
VIOC pin voltage: VOUT ≤ 1.5 V, VIN = 2.5 V
1
V
VIOC pin source current
300
µA
VIOC pin sink current: VIN ≥ 2.5 V
2
µA
1 The EN/UV pin threshold must be met to ensure device operation.
2 The maximum TJ limits operating conditions. The regulated output-voltage specification does not apply for all possible combinations of input voltage and output current,
especially due to the internal current-limit foldback, which starts to decrease current limit at VIN – VOUT > 11 V. If operating at the maximum output current, limit the
input-voltage range. If operating at the maximum input voltage, limit the output-current range.
3 OUTS ties directly to OUT.
4 Changes in ISET and VOS with VSET are tested at 0.2V, 0.75V, 1.3V, and 15V to insure operation over the 0.2V to 15V SET pin voltage range.
5 The dropout voltage is the minimum input-to-output differential voltage needed to maintain regulation at a specified output current. The dropout voltage is measured when
output is 1% out of regulation. This definition results in a higher dropout voltage compared to hard dropout, which is measured when VIN = VOUT (NOMINAL). For output
voltages less than 1.7 V, the dropout voltage is limited by the minimum input-voltage specification. See Figure 18 for the dropout voltage as a function of the output current
and for temperature see Figure 19, which was measured in a typical application circuit.
6 The GND pin current is tested with VIN = VOUT (NOMINAL) and a current source load. Therefore, the LT3041 is tested while operating in dropout, which is the worst-case
GND pin current. The GND pin current decreases at higher input voltages. Note that the GND pin current does not include the SET pin or the ILIM pin current; however,
quiescent current does include the SET and ILIM pins.
7 Adding a capacitor across the SET pin resistor decreases the output voltage noise. Adding this capacitor bypasses the thermal noise of the resistor on the SET pin as well
as the noise of the reference current. The output noise then equals the error-amplifier noise. Use of a SET pin bypass capacitor also increases the start-up time.
8 The internal back-up current-limit circuitry incorporates foldback protection that decreases current limit for VIN – VOUT > 11 V. Some level of output current is provided at all
VIN – VOUT differential voltages. See Figure 32 for the current limit as a function of VIN – VOUT.
9 The current-limit programming scale factor is specified while the internal backup current limit is not active. Note that the internal current limit has foldback protection for VIN
– VOUT differentials greater than 11 V.
10 The VIOC buffer outputs a voltage equal to VIN – VOUT or VIN – 1.5 V for VOUT ≤ 1.5 V. See Figure 70 and the High-Efficiency Linear Regulator: Voltage Input-to-Output
Control (VIOC) section for further information. Set the source current of the VIOC pin between 10 µA and 300 µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com