Electronic Components Datasheet Search
  English  ▼

X  

LT3041 Datasheet(PDF) 6 Page - Analog Devices

Part # LT3041
Description  20 V, 1 A, Ultra-Low Noise, Ultra-High PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3041 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT3041 Datasheet HTML 2Page - Analog Devices LT3041 Datasheet HTML 3Page - Analog Devices LT3041 Datasheet HTML 4Page - Analog Devices LT3041 Datasheet HTML 5Page - Analog Devices LT3041 Datasheet HTML 6Page - Analog Devices LT3041 Datasheet HTML 7Page - Analog Devices LT3041 Datasheet HTML 8Page - Analog Devices LT3041 Datasheet HTML 9Page - Analog Devices LT3041 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
Data Sheet
LT3041
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 6 of 36
Table 2. Absolute Maximum Ratings
Parameter
Value
IN Pin Voltage
±22 V
VIOC Pin Voltage1
–0.3 V to +4 V
EN/UV Pin Voltage
±22 V
IN-to-EN/UV Differential
±22 V
PG Pin Voltage1
–0.3 V, +22 V
ILIM Pin Voltage1
–0.3 V, +1 V
PGFB Pin Voltage1
–0.3 V, +22 V
PGFB Pin Current
±20 mA
SET Pin Voltage1
–0.3 V, +16 V
SET Pin Current2
±20 mA
OUTS Pin Voltage1
–0.3 V, +16 V
OUTS Pin Current2
±20 mA
OUT Pin Voltage1
–0.3 V, +16 V
OUT-to-OUTS Differential3
±1.2 V
IN-to-OUT Differential
±22 V
IN-to-OUTS Differential
±22 V
Output Short-Circuit Duration
Indefinite
Temperature
Operating TJ Range4, A Grade
–40°C to +125°C
Storage Range
–65°C to +150°C
1 Parasitic diodes exist internally between the VIOC, ILIM, PG, PGFB, SET,
OUTS, and OUT pins and the GND pin. Do not drive the VIOC, ILIM, PG,
PGFB, SET, OUTS, and OUT pins more than 0.3 V less than the GND
pin during a fault condition. The VIOC, ILIM, PG, PGFB, SET, OUTS, and
OUT pins must remain at a voltage more positive than GND during normal
operation.
2 SET and OUTS pins are clamped using diodes and two 25 Ω series resistors.
For less than 5 ms transients, this clamp circuitry can carry more than the
rated current. Refer to Figure 70 and the Protection Features section for more
information.
3 Maximum OUT-to-OUTS differential is guaranteed by design.
4 The LT3041 is tested and specified under pulse load conditions such that TJ
≈ TA. The LT3041 is tested at TA = 25°C. Performance of the LT3041 over
the full –40°C to 125°C operating temperature range is assured by design,
characterization, and correlation with statistical process controls. The LT3041
is guaranteed over the full –40°C to 125°C operating TJ range.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com