Electronic Components Datasheet Search
  English  ▼

X  

LT3041 Datasheet(PDF) 2 Page - Analog Devices

Part # LT3041
Description  20 V, 1 A, Ultra-Low Noise, Ultra-High PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3041 Datasheet(HTML) 2 Page - Analog Devices

  LT3041 Datasheet HTML 1Page - Analog Devices LT3041 Datasheet HTML 2Page - Analog Devices LT3041 Datasheet HTML 3Page - Analog Devices LT3041 Datasheet HTML 4Page - Analog Devices LT3041 Datasheet HTML 5Page - Analog Devices LT3041 Datasheet HTML 6Page - Analog Devices LT3041 Datasheet HTML 7Page - Analog Devices LT3041 Datasheet HTML 8Page - Analog Devices LT3041 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
Data Sheet
LT3041
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 36
Features................................................................ 1
Applications........................................................... 1
Typical Application.................................................1
General Description...............................................1
Specifications........................................................ 3
Electrical Characteristics.................................... 3
Absolute Maximum Ratings...................................6
ESD Caution.......................................................6
Pin Configuration and Function Descriptions........ 7
Typical Performance Characteristics..................... 9
Theory of Operation.............................................20
Applications Information...................................... 21
Output Voltage..................................................21
Output Sensing and Stability............................22
Stability and Output Capacitance.....................22
High Vibration Environments............................23
Stability and Input Capacitance........................23
PSRR and Input Capacitance.......................... 24
Filtering High-Frequency Spikes...................... 24
Output Noise.................................................... 24
SET Pin (Bypass) Capacitance: Noise,
PSRR, Transient Response, and Soft-Start... 24
Fast Startup......................................................25
EN/UV.............................................................. 25
Programmable Power Good.............................25
Externally Programmable Current Limit........... 25
Output Overshoot Recovery.............................25
Direct Paralleling for Higher Current................ 25
PCB Layout Considerations............................. 26
High-Efficiency Linear Regulator: Voltage
Input-to-Output Control (VIOC)...................... 26
Typical VIOC Application..................................27
Thermal Considerations................................... 29
Calculating Junction Temperature.................... 29
Overload Recovery...........................................29
Protection Features..........................................30
Typical Applications............................................. 31
Related Products................................................. 35
Outline Dimensions............................................. 36
Ordering Guide.................................................36
Evaluation Boards............................................ 36
REVISION HISTORY
10/2022—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com