Electronic Components Datasheet Search
  English  ▼

X  

LT3041 Datasheet(PDF) 23 Page - Analog Devices

Part # LT3041
Description  20 V, 1 A, Ultra-Low Noise, Ultra-High PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3041 Datasheet(HTML) 23 Page - Analog Devices

Back Button LT3041 Datasheet HTML 19Page - Analog Devices LT3041 Datasheet HTML 20Page - Analog Devices LT3041 Datasheet HTML 21Page - Analog Devices LT3041 Datasheet HTML 22Page - Analog Devices LT3041 Datasheet HTML 23Page - Analog Devices LT3041 Datasheet HTML 24Page - Analog Devices LT3041 Datasheet HTML 25Page - Analog Devices LT3041 Datasheet HTML 26Page - Analog Devices LT3041 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
Data Sheet
LT3041
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 23 of 36
Figure 75. Ceramic Capacitor Temperature Characteristics
X5R and X7R dielectrics result in more stable characteristics and
are thus more suitable for the LT3041. The X7R dielectric has
better stability across temperature, while the X5R is less expensive
and is available in higher values. Nonetheless, care must still be
exercised when using X5R and X7R capacitors. The X5R and X7R
codes only specify operating temperature range and the maximum
capacitance change over temperature. While capacitance changes
due to DC bias for X5R and X7R is better than Y5V and Z5U
dielectrics, it can still be significant enough to drop capacitance to
below sufficient levels. As shown in Figure 76, capacitor DC bias
characteristics tend to improve as component case size increases.
However, verification of expected capacitance at the operating
voltage is highly recommended. Due to its good voltage coefficient
in small case sizes, Analog Devices recommends using the Murata
GCM series ceramic capacitors.
Figure 76. Capacitor Voltage Coefficient for Different Case Sizes
HIGH VIBRATION ENVIRONMENTS
Voltage and temperature coefficients are not the only sources of
problems. Some ceramic capacitors have a piezoelectric response.
A piezoelectric device generates voltage across its terminals due to
mechanical stress, similar to how a piezoelectric microphone works.
For a ceramic capacitor, this stress can be induced by mechanical
vibrations within the system or due to thermal transients.
LT3041 applications in high-vibration environments have three dis-
tinct, piezoelectric noise generators: ceramic output, input, and SET
pin capacitors. However, due to the low output impedance over
a wide frequency range of the LT3041, negligible output noise is
generated using a ceramic-output capacitor. Similarly, due to the
ultrahigh PSRR of the LT3041, negligible output noise is generat-
ed using a ceramic-input capacitor. Nonetheless, given the high
SET pin impedance, any piezoelectric response from a ceramic
SET pin capacitor generates significant output noise, peak-to-peak
excursions of hundreds of mV. However, due to the high ESR and
ESL tolerance of the SET pin capacitor, any nonpiezoelectrically
responsive (tantalum, electrolytic, or film) capacitor can be used
at the SET pin, although electrolytic capacitors tend to have high
1/f noise. In any case, use of a surface-mount capacitor is highly
recommended.
STABILITY AND INPUT CAPACITANCE
The LT3041 is stable with a minimum 10 μF IN pin capacitor.
Analog Devices recommends using low ESR ceramic capacitors.
In cases where long wires connect the power supply to the input
and ground terminals of the LT3041, the use of low value input ca-
pacitors combined with a large load current can result in instability.
The resonant LC tank circuit formed by the wire inductance and the
input capacitor is the cause of this instability and not the LT3041.
The self-inductance, or isolated inductance, of a wire is directly
proportional to its length. The wire diameter, however, has less
influence on its self-inductance. For example, the self-inductance of
a 2-AWG isolated wire with a diameter of 0.26" is about half the
inductance of a 30-AWG wire with a diameter of 0.01". One foot of
30-AWG wire has 465 nH of self-inductance.
Several methods exist to reduce the self-inductance of a wire. One
method divides the current flowing toward the LT3041 between
the two parallel conductors. In this case, placing the wires further
apart reduces the inductance; up to a 50% reduction when placed
only a few inches apart. Splitting the wires connect two equal
inductors in parallel. However, when placed close to each other,
their mutual inductance adds to the overall self inductance of the
wires; therefore, a 50% reduction is not possible in such cases.
The second and more effective technique to reduce the overall
inductance is to place the forward and return current conductors
(the input and ground wires) close. Two 30-AWG wires separated
by 0.02" reduce the overall inductance to about one-fifth of a single
wire.
If a battery mounted close powers the LT3041, a 10 μF input
capacitor suffices for stability. However, if a distantly located supply
powers the LT3041, use a larger value input capacitor. Use a rough
guideline of 1 μF (in addition to the 10 μF minimum) per 6" of
wire length. The minimum input capacitance required to stabilize
the application also varies with the output capacitance as well as
the load current. Place additional capacitance on the output of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com