Electronic Components Datasheet Search
  English  ▼

X  

LT3041 Datasheet(PDF) 1 Page - Analog Devices

Part # LT3041
Description  20 V, 1 A, Ultra-Low Noise, Ultra-High PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3041 Datasheet(HTML) 1 Page - Analog Devices

  LT3041 Datasheet HTML 1Page - Analog Devices LT3041 Datasheet HTML 2Page - Analog Devices LT3041 Datasheet HTML 3Page - Analog Devices LT3041 Datasheet HTML 4Page - Analog Devices LT3041 Datasheet HTML 5Page - Analog Devices LT3041 Datasheet HTML 6Page - Analog Devices LT3041 Datasheet HTML 7Page - Analog Devices LT3041 Datasheet HTML 8Page - Analog Devices LT3041 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Data Sheet
LT3041
20 V, 1 A, Ultra-Low Noise, Ultra-High PSRR Linear Regulator with VIOC Control
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Ultra-low output RMS noise: 1.0 μV rms (10 Hz to 100 kHz)
►
Ultra-low output noise spectral density: 3 nV/√Hz at 10 kHz
►
Ultra-low 1/f noise: 8 µV p-p (0.1 Hz to 10 Hz)
►
Ultra-high PSRR: 80 dB at 1 MHz
►
Output current: 1 A
►
Wide input voltage range: 2.2 V to 20 V
►
Single capacitor improves noise and PSRR
►
SET pin current: 100 µA, ±0.5% initial accuracy
►
VIOC pin to manage power dissipation
►
Single resistor programs output voltage
►
Programmable current limit
►
Low-dropout voltage: 310 mV
►
Output voltage range: 0.2 V to 15 V
►
Programmable power good
►
Fast start-up capability
►
Precision enable/UVLO
►
Parallelable for lower noise and higher current
►
Internal current limit with foldback
►
Minimum output capacitor: 2 parallel 10 µF ceramic
►
Compact, low profile, 14-lead, 4 mm × 3 mm, DFN package
APPLICATIONS
►
RF power supplies: phase-locked loops, voltage-controlled oscil-
lators, mixers, low-noise amplifiers, and power amplifiers
►
Low-noise instrumentation
►
High-speed and high-precision data converters
►
Medical applications: imaging and diagnostics
►
Postregulator for switching supplies
TYPICAL APPLICATION
Figure 1. Typical Application
GENERAL DESCRIPTION
The LT3041 is a high-performance, low-dropout linear regulator
featuring Analog Devices, Inc., ultra-low noise and ultra-high power
supply rejection ratio (PSRR) architecture for powering noise-sen-
sitive applications. Designed as a precision-current reference fol-
lowed by a high-performance voltage buffer, the LT3041 can be
easily paralleled to further reduce noise, increase output current,
and spread heat on the printed circuit board (PCB).
The LT3041 supplies 1 A at a typical 310 mV dropout voltage. The
operating quiescent current is nominally 4.3 mA and drops to 18
µA in shutdown. The wide output voltage range (0.2 V to 15 V)
of the LT3041 maintained by the unity-gain operation provides virtu-
ally constant output noise, PSRR, bandwidth, and load regulation,
independent of the programmed output voltage. Additionally, the
regulator features VIOC, programmable current limit, fast start-up
capability, and programmable power good to indicate output-voltage
regulation.
Built-in protection includes reverse-battery protection, reverse-cur-
rent protection, internal current limit with foldback, and thermal limit
with hysteresis. The LT3041 is available in a thermally enhanced,
14-lead 4 mm × 3 mm, DFN package.
Figure 2. PSRR vs. Frequency


Similar Part No. - LT3041

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT3041 AD-LT3041 Datasheet
1Mb / 37P
3A, Ultra-Low Noise, High PSRR, 45mV Dropout Ultra-Fast Linear Regulator
Rev 0
LT3041 AD-LT3041 Datasheet
3Mb / 45P
Dual 500mA, Positive/Negative, Ultra-Low Noise, Ultra-High PSRR Low Dropout Linear Regulator
Rev. 0
LT3041 AD-LT3041 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
LT3041 AD-LT3041 Datasheet
930Kb / 38P
5.5V, 3A, Ultra-Low Noise, High PSRR, 85mV Dropout Ultra-Fast Linear Regulator
Rev. 0
LT3041 AD-LT3041 Datasheet
2Mb / 62P
5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
Rev.0
More results

Similar Description - LT3041

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20249 MPS-MP20249 Datasheet
352Kb / 12P
Dual, Ultra-Low Noise, High PSRR 200mA Linear Regulator
logo
Linear Technology
LT3045-1 LINER-LT3045-1 Datasheet
3Mb / 36P
20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Texas Instruments
TPS7A94 TI-TPS7A94 Datasheet
2Mb / 40P
TPS7A94 1-A, Ultra-Low Noise, Ultra-High PSRR, RF Voltage Regulator
SEPTEMBER 2021
TPS7A94 TI-TPS7A94_V01 Datasheet
4Mb / 62P
TPS7A94 1-A, Ultra-Low Noise, Ultra-High PSRR, Low-Dropout Regulator
REVISED MAY 2022
logo
Analog Devices
LT3046 AD-LT3046 Datasheet
1Mb / 47P
20V, 200mA, Ultra-Low Noise, Ultra-High PSRR, Linear Regulator
19-101798; Rev 0; 10/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com