Electronic Components Datasheet Search
  English  ▼

X  

LT3041 Datasheet(PDF) 7 Page - Analog Devices

Part # LT3041
Description  20 V, 1 A, Ultra-Low Noise, Ultra-High PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3041 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT3041 Datasheet HTML 3Page - Analog Devices LT3041 Datasheet HTML 4Page - Analog Devices LT3041 Datasheet HTML 5Page - Analog Devices LT3041 Datasheet HTML 6Page - Analog Devices LT3041 Datasheet HTML 7Page - Analog Devices LT3041 Datasheet HTML 8Page - Analog Devices LT3041 Datasheet HTML 9Page - Analog Devices LT3041 Datasheet HTML 10Page - Analog Devices LT3041 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet
LT3041
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 7 of 36
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 3
IN
Input. The IN pins supply power to the regulator. The LT3041 requires a bypass capacitor at the IN pin. In general, the output impedance of
a battery rises with frequency; therefore, it is best practice to include a bypass capacitor in battery-powered applications. While a 10 µF input
bypass capacitor generally suffices, applications with large load transients can require higher input capacitance to prevent input-supply droop.
Refer to the Stability and Input Capacitance and PSRR and Input Capacitance sections on the proper use of an input capacitor and its effect
on circuit performance, in particular PSRR. The LT3041 withstands reverse voltages on IN with respect to GND, OUTS, and OUT. In the case
of a reversed input, which occurs if a battery is plugged in backwards, the LT3041 acts as if a diode is in series with its input. Therefore, no
reverse-current flows into the LT3041, and no negative voltage appears at the load. The device protects itself and the load.
4
VIOC
Voltage for Input-to-Output Control. The LT3041 incorporates a tracking function to control the switching preregulator powering the LT3041. The
VIOC pin is the output of this tracking function that drives the feedback (FB) pin of the preregulator to maintain the input voltage of the LT3041
at VOUT + VVIOC. This function minimizes power dissipation while maintaining PSRR performance. Refer to the High-Efficiency Linear Regulator:
Voltage Input-to-Output Control (VIOC) section for further details.
5
EN/UV
Enable and UVLO. Pulling the EN/UV pin low moves the LT3041 to shutdown mode. Quiescent current in shutdown mode drops to 18 µA and
the output voltage turns off. Alternatively, the EN/UV pin can set an input-supply UVLO threshold by using a resistor-divider between IN, EN/UV,
and GND. The LT3041 typically turns on when the EN/UV voltage exceeds 1.28 V on its rising edge, with a 110 mV hysteresis on its falling
edge. The EN/UV pin can be driven above the input voltage and maintain proper functionality. If unused, connect EN/UV to IN. Do not float the
EN/UV pin.
6
PG
Power Good. PG is an open-drain flag that indicates output-voltage regulation. PG pulls low if PGFB is less than 302 mV. If the power-good
functionality is not needed, float the PG pin. A parasitic substrate diode exists between the PG and GND pins of the LT3041; therefore, do not
drive PG more than 0.3 V less than GND during normal operation or during a fault condition.
7
ILIM
Current-Limit Programming Pin. Connecting a resistor between ILIM and GND programs the current limit. For best accuracy, Kelvin connect
this resistor directly to the GND pin of the LT3041. The programming-scale factor is nominally 150 mA × kΩ. The ILIM pin sources current
proportional (1:500) to the output current. Therefore, ILIM also serves as a current-monitoring pin with a 0 V to 300 mV range. If the
programmable current-limit functionality is not needed, connect ILIM to GND. A parasitic substrate diode exists between the ILIM and GND pins
of the LT3041; therefore, do not drive ILIM more than 0.3 V less than GND during normal operation or during a fault condition.
8
PGFB
Power-Good Feedback. The PG pin pulls high if PGFB increases beyond 302 mV on its rising edge, with 7 mV hysteresis on its falling edge.
Connecting an external resistor-divider between OUT, PGFB, and GND sets the programmable power-good threshold with the following transfer
function: 0.302 V × (1 + RPG2/RPG1). As discussed further in the Fast Startup section, PGFB also activates the fast start-up circuitry. Connect
PGFB to IN if the power-good and fast start-up functions are not needed. In addition, if reverse-input protection is additionally required, connect
the anode of a 1N4148 diode to IN and its cathode to PGFB. Refer to Figure 96 for further details. A parasitic-substrate diode exists between
the PGFB and GND pins of the LT3041; therefore, do not drive PGFB more than 0.3 V less than GND during normal operation or during a fault
condition.
9
SET
The Inverting Input of the Error Amplifier and the Regulation Set Point for the LT3041. SET sources precision 100 µA current that flows through
an external resistor connected between SET and GND. The output voltage of the LT3041 is determined by VSET = ISET × SET resistance (RSET).
The output voltage range is from 0.2 V to 15 V. Adding a capacitor from SET to GND improves noise, PSRR, and transient response at the
expense of an increased start-up time. For optimum load regulation, Kelvin connect the ground side of the SET pin resistor directly to the load.
A parasitic-substrate diode exists between the SET and GND pins of the LT3041; therefore, do not drive SET more than 0.3 V less than GND
during normal operation or during a fault condition.
10, 11
GND
Ground.
12
OUTS
Output Sense. The OUTS pin is the noninverting input to the error amplifier. For optimal transient performance and load regulation, Kelvin
connect OUTS directly to the output capacitor and the load. In addition, connect the GND connections of the output capacitor and the SET pin
capacitor directly together. A parasitic-substrate diode exists between the OUTS and GND pins of the LT3041; therefore, do not drive OUTS
more than 0.3 V less than GND during normal operation or during a fault condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com