Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 315 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 315 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 311Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 312Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 313Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 314Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 315Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 316Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 317Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 318Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 319Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
7-11
The L2CEWCRn registers contain identical fields, which are described in Table 7-4.
7.3.1.4
L2 Memory-Mapped SRAM Base Address Registers 0–1
(L2SRBARn)
The L2 memory-mapped SRAM base address registers (L2SRBARn), shown in Figure 7-10,
control the memory-mapped SRAM mode functionality. Specified addresses must be aligned to
the value in L2CTL[L2BLKSZ]. If L2CTL[L2SRAM] specifies one memory-mapped SRAM
block, its base address must be written to L2SRBAR0; if it specifies two memory-mapped SRAM
blocks, L2SRBAR0 and L2SRBAR1 are used.
Table 7-4. L2CEWCRn Field Descriptions
Bits
Name
Description
0
E
External write enable. An external write matching the address window defined by
L2CEWARn/L2CEWCRn is allocated or updated in the L2 cache.
0 External writes for the L2CEWARn/L2CEWCRn pair are disabled.
1 External writes are enabled for the L2CEWARn/L2CEWCRn pair.
1
LOCK
Lock lines in the targeted cache. An external write matching the address window defined by
L2CEWARn/L2CEWCRn is locked in the L2 cache when it is allocated or updated.
0 The locked bit is not set when a line is allocated unless explicitly specified by transaction attributes.
1 Cache lines are allocated as locked. A hit to a valid, unlocked lines sets the lock.
2–7
—
Reserved
8–31 SIZMASK Mask size. Defines the size of the naturally aligned address region for cache external writes. The
address region must be aligned to a boundary that is a multiple of the mask size. Any value not listed
below is illegal and produces boundedly undefined results.
1111 1111 1111 1111 1111 1111 256 bytes
1111 1111 1111 1111 1111 1110 512 bytes
1111 1111 1111 1111 1111 1100 1 Kbyte
1111 1111 1111 1111 1111 1000 2 Kbytes
1111 1111 1111 1111 1111 0000 4 Kbytes
1111 1111 1111 1111 1110 0000 8 Kbytes
1111 1111 1111 1111 1100 0000 16 Kbytes
1111 1111 1111 1111 1000 0000 32 Kbytes
1111 1111 1111 1111 0000 0000 64 Kbytes
1111 1111 1111 1110 0000 0000 128 Kbytes
1111 1111 1111 1100 0000 0000 256 Kbytes
1111 1111 1111 1000 0000 0000 512 Kbytes
1111 1111 1111 0000 0000 0000 1 Mbyte
1111 1111 1110 0000 0000 0000 2 Mbytes
1111 1111 1100 0000 0000 0000 4 Mbytes
1111 1111 1000 0000 0000 0000 8 Mbytes
1111 1111 0000 0000 0000 0000 16 Mbytes
1111 1110 0000 0000 0000 0000 32 Mbytes
1111 1100 0000 0000 0000 0000 64 Mbytes
1111 1000 0000 0000 0000 0000 128 Mbytes
1111 0000 0000 0000 0000 0000 256 Mbytes
1110 0000 0000 0000 0000 0000 512 Mbytes
1100 0000 0000 0000 0000 0000 1 Gbyte
1000 0000 0000 0000 0000 0000 2 Gbytes
0000 0000 0000 0000 0000 0000 4 Gbytes
0
17 18
31
R
ADDR
0
0000
0000
0000
W
Reset
All zeros
Offset
0x2_0100, 0x2_0108
Figure 7-10. L2 Memory-Mapped SRAM Base Address Registers (L2SRBARn)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com