Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 316 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 316 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 312Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 313Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 314Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 315Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 316Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 317Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 318Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 319Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 320Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
7-12
Freescale Semiconductor
L2 Look-Aside Cache/SRAM
L2SRBAR bits are described in Table 7-5.
When enabled, the windows defined in L2SRBARn supersede all other mappings of these
addresses for processor and global (snoopable) I/O transactions. Therefore, SRAM windows must
never overlap configuration space as defined by CCSRBAR (see Section 4.3.1.1.2,
“Configuration, Control, and Status Base Address Register (CCSRBAR)”). Overlapping SRAM
and local access windows is discouraged because processor and snoopable I/O transactions would
map to the SRAM while non-snooped I/O transactions would be mapped by the local access
windows. Only if all accesses to the SRAM address range are snoopable can results be consistent
if SRAM and local access windows overlap. Furthermore, L2SRBARn should not overlap a DDR
DRAM space for which a valid chip select is defined. This could result in spurious ECC errors if
ECC and speculative reads are enabled. See Section 2.2.3.7, “Illegal Interaction Between Local
Access Windows and DDR SDRAM Chip Selects.”
7.3.1.5
L2 Error Registers
L2 error detection, reporting, and injection allow flexible handling of ECC and parity errors in the
L2 data and tag arrays. When the MPC8540 detects an L2 error, the appropriate bit in the error
detect register (L2ERRDET) is set. Error detection is disabled by setting the corresponding bit in
the error disable register (L2ERRDIS).
The address and attributes of the first detected error are also saved in the error capture registers
(L2ERRADDR, L2ERRATTR, L2CAPTDATAHI, L2CAPTDATALO, and L2CAPTACC).
Subsequent errors set error bits in the error detection registers, but information is saved only for
the first one. Error reporting (by generating an interrupt) is enabled by setting the corresponding
bit in the error interrupt enable register (L2ERRINTEN). Note that the error detect bit is set
regardless of the state of the interrupt enable bit. When an error is detected, if error detection is
enabled the L2 cache/SRAM always asserts an internal error signal with read data to prevent the
L1 caches and architectural registers from being loaded with corrupt data. If error detection is
disabled, the detected error bit is not set and no internal signal is asserted.
The L2 error detect register (L2ERRDET) is implemented as a bit-reset type register. Reading
from this register occurs normally; however, write operations can clear but not set bits. A bit is
cleared whenever the register is written, and the data in the corresponding bit location is a 1. For
example, to clear bit 6 and not affect any other bits in the register, the value 0x0200_0000 is written
to the register.
Table 7-5. L2SRBARn Field Descriptions
Bits
Name
Description
0–17
ADDR
L2 memory-mapped SRAM base address
18–31
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com