Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 320 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 320 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 316Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 317Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 318Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 319Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 320Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 321Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 322Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 323Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 324Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
7-16
Freescale Semiconductor
L2 Look-Aside Cache/SRAM
Table 7-10 describes L2CAPTDATALO[L2DATA] fields.
Figure 7-16 shows the L2 error syndrome register (L2CAPTECC).
Table 7-11 describes L2CAPTECC fields.
Figure 7-17 shows the L2 error detect register (L2ERRDET).
Table 7-12 describes L2ERRDET fields.
Table 7-10. L2CAPTDATALO Field Description
Bits
Name
Description
0–31
L2DATA
L2 data low word
07
8
23 24
31
R
ECCSYND
0000
0000
0000
0000
ECCCHKSUM
W
Reset
All zeros
Offset
0x2_0E28
Figure 7-16. L2 Error Syndrome Register (L2CAPTECC)
Table 7-11. L2CAPTECC Field Descriptions
Bits
Name
Description
0–7
ECCSYND
The calculated ECC syndrome of the failing double word
8–23
—
Reserved
24–3
1
ECCCHKSU
M
The data path ECC of the failing double word
0
1
26
27
28
29
30
31
R MULL2ERR 0000 0000 00000 0000 00000 000 0
TPARERR MBECCERR SBECCERR
0
L2CFGDIS
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_0E40
Figure 7-17. L2 Error Detect Register (L2ERRDET)
Table 7-12. L2ERRDET Field Descriptions
Bits
Name
Description
0
MULL2ERR
Multiple L2 errors (bit reset, write 1 to clear)
0 Multiple L2 errors of the same type were not detected.
1 Multiple L2 errors of the same type were detected.
1–26
—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com