Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 322 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 322 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 318Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 319Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 320Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 321Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 322Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 323Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 324Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 325Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 326Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
7-18
Freescale Semiconductor
L2 Look-Aside Cache/SRAM
Figure 7-19 shows the L2 error interrupt enable register (L2ERRINTEN). When an enabled error
condition exists, the L2 signals an interrupt to the core through the internal int signal.
Table 7-14 describes L2ERRINTEN fields.
29
SBECCDIS Single-bit ECC error disable
0 Single-bit ECC error detection enabled
1 Single-bit ECC error detection disabled
30
—
Reserved
31
L2CFGDIS
L2 configuration error disable
0 L2 configuration error detection enabled
1 L2 configuration error detection disabled
026
27
28
29
30
31
R 0 0 000 000 000 000 000 000 000 000 0
TPARINTEN MBECCINTEN SBECCINTEN
0
L2CFGINTEN
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_0E48
Figure 7-19. L2 Error Interrupt Enable Register (L2ERRINTEN)
Table 7-14. L2ERRINTEN Field Descriptions
Bits
Name
Description
0–26
—
Reserved
27
TPARINTEN
Tag parity error reporting enable
0 Tag parity error reporting disabled
1 Tag parity error reporting enabled
28
MBECCINTEN
Multiple-bit ECC error reporting enable. Note that uncorrectable read errors may
cause the assertion of core_fault_in, which causes the core to generate a machine
check interrupt, unless it is disabled (by clearing HID1[RFXE]). If RFXE is zero and this
error occurs, L2ERRDIS[MBECCDIS] must be cleared and MBECCINTEN must be
set to ensure that an interrupt is generated. For more information, see Section 6.10.2,
“Hardware Implementation-Dependent Register 1 (HID1).”
0 Multiple-bit ECC error reporting disabled
1 Multiple-bit ECC error reporting enabled
29
SBECCINTEN
Single-bit ECC error reporting enable
0 Single-bit ECC error reporting disabled
1 Single-bit ECC error reporting enabled
30
—
Reserved
31
L2CFGINTEN
L2 configuration error reporting enable
0 L2 configuration error reporting disabled
1 L2 configuration error reporting enabled
Table 7-13. L2ERRDIS Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com