Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 321 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 321 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 317Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 318Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 319Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 320Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 321Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 322Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 323Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 324Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 325Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 1302 page
background image
Memory Map/Register Definition
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
7-17
Figure 7-18 shows the L2 error disable register (L2ERRDIS).
Table 7-13 describes L2ERRDIS fields.
27
TPARERR
Tag parity error (bit reset, write 1 to clear)
0 Tag parity error was not detected
1 Tag parity error was detected
Note that if an L2 cache tag parity error occurs on an attempt to write a new line, the L2 cache must
be flash invalidated. L2 functionality is not guaranteed if flash invalidation is not performed after a tag
parity error.
28
MBECCERR Multiple-bit ECC error (bit reset, write 1 to clear)
0 Multiple-bit ECC errors were not detected.
1 Multiple-bit ECC errors were detected.
29
SBECCERR Single-bit ECC error (bit reset, write 1 to clear)
0 Single-bit ECC error was not detected
1 Single-bit ECC error was detected
30
—
Reserved
31
L2CFGERR
L2 configuration error (bit reset, write 1 to clear). Reports inconsistencies between the L2SIZ,
L2BLKSZ, and L2SRAM settings of the L2 control register (L2CTL).
0 L2 configuration errors were not detected
1 L2 illegal configuration error detected
026
27
28
29
30
31
R 000 0000 0000 0000 00000 0000 00 0
TPARDIS
MBECCDIS SBECCDIS
0
L2CFGDIS
W
Reset
0000_0000_0000_0000_0000_0000_0000_0000
Offset
0x2_0E44
Figure 7-18. L2 Error Disable Register (L2ERRDIS)
Table 7-13. L2ERRDIS Field Descriptions
Bits
Name
Description
0–26
—
Reserved
27
TPARDIS
Tag parity error disable
0 Tag parity error detection enabled
1 Tag parity error detection disabled
28
MBECCDIS Multiple-bit ECC error disable. Note that uncorrectable read errors may cause the assertion of
core_fault_in, which causes the core to generate a machine check interrupt, unless it is disabled (by
clearing HID1[RFXE]). If RFXE is zero and this error occurs, MBECCDIS must be cleared and
L2ERRINTEN[MBECCINTEN] must be set to ensure that an interrupt is generated. For more
information, see Section 6.10.2, “Hardware Implementation-Dependent Register 1 (HID1).”
0 Multiple-bit ECC error detection enabled
1 Multiple-bit ECC error detection disabled
Table 7-12. L2ERRDET Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com