Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 324 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 324 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 320Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 321Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 322Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 323Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 324Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 325Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 326Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 327Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 328Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
7-20
Freescale Semiconductor
L2 Look-Aside Cache/SRAM
Figure 7-21 shows the L2 error address capture register (L2ERRADDR).
Table 7-16 describes L2ERRADDR[L2ADDR] fields.
Figure 7-22 shows the L2 error control register (L2ERRCTL).
Table 7-17 describes L2ERRCTL fields.
0
31
R
L2ADDR
W
Reset
All zeros
Offset
0x2_0E50
Figure 7-21. L2 Error Address Capture Register (L2ERRADDR)
Table 7-16. L2ERRADDR Field Description
Bits
Name
Description
0–31
L2ADDR
L2 address corresponding to detected error
0
7
8
1516
2324
31
R 0000
0000
L2CTHRESH
0000
0000
L2CCOUNT
W
Reset
All zeros
Offset
0x2_0E58
Figure 7-22. L2 Error Control Register (L2ERRCTL)
Table 7-17. L2ERRCTL Field Descriptions
Bits
Name
Description
0–7
—
Reserved
8–15
L2CTHRESH L2 cache threshold. Threshold value for the number of ECC single-bit errors that are detected
before reporting an error condition
16–23
—
Reserved
24–31
L2CCOUNT
L2 count. Counts ECC single-bit errors detected. If L2CCOUNT equals the ECC single-bit error
trigger threshold, an error is reported if single-bit error reporting is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com