Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 328 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 328 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 324Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 325Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 326Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 327Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 328Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 329Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 330Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 331Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 332Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
7-24
Freescale Semiconductor
L2 Look-Aside Cache/SRAM
•
The L2 cache supports burst writes that lock an L2 cache line from peripheral devices or
from I/O controllers through write transactions with addresses that hit in a programmed
memory range that has the lock attribute set.
•
The L2 cache supports burst writes that allocate and/or lock an L2 cache line from
peripheral devices or I/O controllers through a write allocate transaction. See the system
logic programming model (for example, that of the DMA controller) for details on how to
set the transaction type for cache external writes to the L2.
7.6.2
Memory-Mapped SRAM Coherency Rules
Memory-mapped SRAM coherency rules are as follows:
•
External (non–core-initiated) accesses to memory-mapped SRAM must be marked
coherency-required. External accesses marked coherency-not-required to memory-mapped
SRAM may cause an address unavailable error.
•
Accesses to memory-mapped SRAM are cacheable only in the corresponding e500 L1
caches. External accesses must be marked cache-inhibited or be performed with
non-caching transactions.
7.7
L2 Cache Locking
The MPC8540 caches can be locked and cleared using the following methods:
•
Cache locking methods
— Individual line locks are set and cleared by using instructions defined by the e500 cache
locking APU, which is part of the Freescale Book E Implementation Standards (EIS).
These instructions include Data Cache Block Touch and Lock Set (dcbtls), Data Cache
Block Touch for Store and Lock Set (dcbtstls), and Instruction Cache Block Touch and
Lock Set (icbtls). For detailed information about these instructions, see the PowerPC
e500 Core Reference Manual.
— A lock attribute can be attached to write operations.
— Individual line locks are set and cleared through core-initiated instructions, by external
reads or writes, or by accesses to programmed memory ranges defined in L2 cache
external write address registers (L2CEWARn).
— The entire cache can be locked by setting configuration registers appropriately.
•
Methods for clearing locks
— Individual locks are cleared by cache locking APU instructions (Instruction Cache
Block Lock Clear (icblc) and Data Cache Block Lock Clear (dcblc)) or by snooped
flush unless the entire cache is locked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com