Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 318 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 318 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 314Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 315Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 316Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 317Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 318Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 319Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 320Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 321Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 322Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
7-14
Freescale Semiconductor
L2 Look-Aside Cache/SRAM
Figure 7-12 shows the L2 error injection mask low register (L2ERRINJLO) fields.
Table 7-7 describes L2ERRINJLO[EIMASKLO].
Figure 7-13 shows the L2 error injection mask control register (L2ERRINJCTL).
Table 7-8 describes L2ERRINJCTL fields.
0
31
R
EIMASKLO
W
Reset
All zeros
Offset
0x2_0E04
Figure 7-12. L2 Error Injection Mask Low Register (L2ERRINJLO)
Table 7-7. L2ERRINJLO Field Description
Bits
Name
Description
0–3
1
EIMASKL
O
Error injection mask/low word. A set bit corresponding to a data path bit causes that bit on the data
path to be inverted on SRAM writes if L2ERRINJCTL[DERRIEN] = 1.
014
15
16
21
22
23
24
31
R 000 000 000 000 00 0
TERRIEN
000000
ECCMB DERRIEN
ECCERRIM
W
Reset
All zeros
Offset
0x2_0E08
Figure 7-13. L2 Error Injection Mask Control Register (L2ERRINJCTL)
Table 7-8. L2ERRINJCTL Field Descriptions
Bits
Name
Description
0–14
—
Reserved
15
TERRIEN
L2 tag array error injection enable
0 No tag errors are injected.
1 All subsequent entries written to the L2 tag array have the parity bit inverted.
16–21
—
Reserved
22
ECCMB
ECC mirror byte enable
0 ECC byte mirroring is disabled
1 The most significant data path byte is mirrored onto the ECC byte if DERRIEN = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com