Electronic Components Datasheet Search
  English  ▼

X  

TDA7720B Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7720B
Description  3 band car audio processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7720B Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7720B Datasheet HTML 4Page - STMicroelectronics TDA7720B Datasheet HTML 5Page - STMicroelectronics TDA7720B Datasheet HTML 6Page - STMicroelectronics TDA7720B Datasheet HTML 7Page - STMicroelectronics TDA7720B Datasheet HTML 8Page - STMicroelectronics TDA7720B Datasheet HTML 9Page - STMicroelectronics TDA7720B Datasheet HTML 10Page - STMicroelectronics TDA7720B Datasheet HTML 11Page - STMicroelectronics TDA7720B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Pins connection and description
TDA7720B
8/42
DocID024331 Rev 2
Note:
The L & R channels may be swapped as per the user's wishes making use of proper
connections to the device pins, with no impact on electrical performance.
Software control has to take into account the external routing and be designed accordingly.
14
CREF
Reference capacitor
O
15
GND
Ground
S
16
OUTSWR
Subwoofer right output
O
17
OUTSWL
Subwoofer left output
O
18
OUTRF
Front right output
O
19
OUTRR
Rear right output
O
20
OUTLR
Rear left output
O
21
OUTLF
Front left output
O
22
WINTCL
DC offset detector filter output left channel
O
23
WINTCR
DC offset detector filter output right channel
O
24
VCC
Supply
S
25
SCL
I2C bus clock
I
26
SDA
I2C bus data
I/O
27
DCERR
DC offset detector output
O
28
WinIn
DC offset detector input
I
Table 2. Pins description (continued)
Pin #
Pin name
Description
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com