Electronic Components Datasheet Search
  English  ▼

X  

TDA7720B Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7720B
Description  3 band car audio processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7720B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7720B Datasheet HTML 6Page - STMicroelectronics TDA7720B Datasheet HTML 7Page - STMicroelectronics TDA7720B Datasheet HTML 8Page - STMicroelectronics TDA7720B Datasheet HTML 9Page - STMicroelectronics TDA7720B Datasheet HTML 10Page - STMicroelectronics TDA7720B Datasheet HTML 11Page - STMicroelectronics TDA7720B Datasheet HTML 12Page - STMicroelectronics TDA7720B Datasheet HTML 13Page - STMicroelectronics TDA7720B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Electrical specifications
TDA7720B
10/42
DocID024331 Rev 2
Loudness control
AMAX
Max. attenuation (2)
-
14
1516.5dB
ASTEP
Step resolution (2)
-
0.511.5
dB
fPeak
Peak frequency (3)
fP1
-400
-
Hz
fP2
-800
-
Hz
fP3
-
2400
-
Hz
Volume control
GMAX
Max. gain (2)
-
212325
dB
AMAX
Max. attenuation (2)
-
-66
-63
-60
dB
ASTEP
Step resolution (2)
-
0.511.5
dB
EA
Attenuation set error
G = -20 to +23 dB
-0.75
0
0.75
dB
G = -20 to -63 dB
-4
0
3
dB
ET
Tracking error
-
-
-
2
dB
VDC
DC steps
Adjacent attenuation steps
-5
0.1
5
mV
From 0 dB to AMAX
-8
0.5
8
mV
Soft-mute
AMUTE
Mute attenuation
80
100
-
dB
TD
Delay time
T1
0.36
0.48
0.6
ms
T2
0.84
0.96
1.08
ms
T3
7.3
7.6
8.5
ms
T4
14
15.3
16.8
ms
VTH_Low Low threshold for MUTE pin
(4)
--
0.8
V
VTH_High High threshold for MUTE pin
(4)
2.5
-
-
V
RPU
Internal pull-up resistor for
MUTE pin
-
354863
k
VPU
Internal pull-up voltage for
MUTE pin
-3
3.3
3.6
V
Bass control
Fc
Center frequency (3)
fC1
-60-Hz
fC2
-80-Hz
fC3
-100
-
Hz
fC4
-200
-
Hz
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com