Electronic Components Datasheet Search
  English  ▼

X  

TDA7720B Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7720B
Description  3 band car audio processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7720B Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7720B Datasheet HTML 15Page - STMicroelectronics TDA7720B Datasheet HTML 16Page - STMicroelectronics TDA7720B Datasheet HTML 17Page - STMicroelectronics TDA7720B Datasheet HTML 18Page - STMicroelectronics TDA7720B Datasheet HTML 19Page - STMicroelectronics TDA7720B Datasheet HTML 20Page - STMicroelectronics TDA7720B Datasheet HTML 21Page - STMicroelectronics TDA7720B Datasheet HTML 22Page - STMicroelectronics TDA7720B Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
DocID024331 Rev 2
19/42
TDA7720B
Description of audioprocessor
4.6.4
DC mode
In this mode the DC-gain is increased by 4.4 dB. In addition the programmed center
frequency and quality factor is decreased by 25 % which can be used to reach alternative
center frequencies or quality factors.
Figure 10. Bass normal and DC mode @ gain = 14 dB, fc = 80 Hz
Note:
The center frequency, Q and DC-mode can be set fully independently.
4.7
Middle
There are three parameters programmable in the middle stage.
4.7.1
Middle attenuation
Figure 11 shows the attenuation as a function of frequency at a center frequency of 1 kHz.
Figure 11. Middle control @ fc = 1 kHz, Q = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com