Electronic Components Datasheet Search
  English  ▼

X  

TDA7720B Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7720B
Description  3 band car audio processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7720B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7720B Datasheet HTML 12Page - STMicroelectronics TDA7720B Datasheet HTML 13Page - STMicroelectronics TDA7720B Datasheet HTML 14Page - STMicroelectronics TDA7720B Datasheet HTML 15Page - STMicroelectronics TDA7720B Datasheet HTML 16Page - STMicroelectronics TDA7720B Datasheet HTML 17Page - STMicroelectronics TDA7720B Datasheet HTML 18Page - STMicroelectronics TDA7720B Datasheet HTML 19Page - STMicroelectronics TDA7720B Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
Description of audioprocessor
TDA7720B
16/42
DocID024331 Rev 2
4.3.3
High frequency boost
Figure 5 shows the different loudness shapes in low and high frequency boost.
Figure 5. Loudness attenuation, fc = 2.4 kHz
4.3.4
Flat mode
In flat mode the loudness stage works as a 0 dB to -15 dB attenuator.
4.4
Soft-mute
The digitally controlled soft-mute stage allows muting/demuting the signal with a I2C bus
programmable slope. The mute process can either be activated by the soft-mute pin or by
the I2C bus. This slope is realized in a special S-shaped curve to mute slow in the critical
regions (see Figure 6).
For timing purposes the bit0 of the I2C bus output register is set to 1 from the start of muting
until the end of demuting.
Figure 6. Soft-mute timing
Note:
Please notice that a started mute-action is always terminated and could not be interrupted
by a change of the mute –signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com