Electronic Components Datasheet Search
  English  ▼

X  

TDA7720B Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA7720B
Description  3 band car audio processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7720B Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA7720B Datasheet HTML 23Page - STMicroelectronics TDA7720B Datasheet HTML 24Page - STMicroelectronics TDA7720B Datasheet HTML 25Page - STMicroelectronics TDA7720B Datasheet HTML 26Page - STMicroelectronics TDA7720B Datasheet HTML 27Page - STMicroelectronics TDA7720B Datasheet HTML 28Page - STMicroelectronics TDA7720B Datasheet HTML 29Page - STMicroelectronics TDA7720B Datasheet HTML 30Page - STMicroelectronics TDA7720B Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
DocID024331 Rev 2
27/42
TDA7720B
I2C bus specification
Figure 21. I2C bus data
5.2.1
Receive mode
S = Start
R/W =
"0" -> Receive mode (Chip can be programmed by µP)
"1" -> Transmission mode (Data could be received by µP)
ACK = Acknowledge
P = Stop
TS = Testing mode
AI = Auto increment
5.2.2
Transmission mode
SM = Soft-mute activated for main channel
BZ = Soft-step busy (‘0’ = Busy)
X = Not used
The transmitted data is automatic updated after each ACK. Transmission can be repeated
without new chip address.
S
1 0
0010
0
R/W
AC
K
TS
X
AI
A4
A3A2
A1A0
ACK
DAT
A
ACK
P
S
1
00
01
0
0
R/W
ACK
X
X
X
X
X
X
BZ
SM
ACK
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com