Electronic Components Datasheet Search
  English  ▼

X  

TDA7720B Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7720B
Description  3 band car audio processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7720B Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7720B Datasheet HTML 20Page - STMicroelectronics TDA7720B Datasheet HTML 21Page - STMicroelectronics TDA7720B Datasheet HTML 22Page - STMicroelectronics TDA7720B Datasheet HTML 23Page - STMicroelectronics TDA7720B Datasheet HTML 24Page - STMicroelectronics TDA7720B Datasheet HTML 25Page - STMicroelectronics TDA7720B Datasheet HTML 26Page - STMicroelectronics TDA7720B Datasheet HTML 27Page - STMicroelectronics TDA7720B Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Description of audioprocessor
TDA7720B
24/42
DocID024331 Rev 2
A low-active DC-offset error signal appears at the DCErr output if the next conditions are
both true:
a)
Front and rear outputs are inside zero crossing windows.
b)
The input voltage Vwinin is logic low whenever at least one output of the power
amplifier is outside the zero crossing windows.
After power-on, the external attached capacitor is rapidly charged (fast-charge) to overcome
a false indication.
Figure 18. DC offset detection circuit (simplified)
4.13
Output stage
The output gain and output DC voltage is configurable by I2C to fit different application. The
configuration is as following:
AC Gain = 5 dB, DC level = 4 V
AC Gain = 8 dB, DC level = 5.75 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com