Electronic Components Datasheet Search
  English  ▼

X  

TDA7720B Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA7720B
Description  3 band car audio processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7720B Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA7720B Datasheet HTML 25Page - STMicroelectronics TDA7720B Datasheet HTML 26Page - STMicroelectronics TDA7720B Datasheet HTML 27Page - STMicroelectronics TDA7720B Datasheet HTML 28Page - STMicroelectronics TDA7720B Datasheet HTML 29Page - STMicroelectronics TDA7720B Datasheet HTML 30Page - STMicroelectronics TDA7720B Datasheet HTML 31Page - STMicroelectronics TDA7720B Datasheet HTML 32Page - STMicroelectronics TDA7720B Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
DocID024331 Rev 2
29/42
TDA7720B
I2C bus specification
5.3
Data byte specification
Table 8. Main selector (0)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
--
--
-
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Main source selector
SE1
SE3
QD1
QD2
SE2
Mute
Mute
Mute
--
--
x
-
-
-
Not used
--
-
0
1
--
-
-
Main source input gain select
0dB
3dB
--
0
1
--
-
-
-
Subwoofer flat
Off
On
-0
1
--
-
-
-
-
Subwoofer input source
Input mux
Bass output
x-
-
-
-
-
-
-
Not used
Table 9. Output DC level / highpass (1)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
--
--
-
-
-
-
Not used
--
--
-
-
0
1
-
Output DC level
4 V (AC Gain = 5 dB)
5.75 V (AC Gain = 8 dB)
--
--
0
0
1
0
1
x
--
High-pass frequency
100 Hz
120 Hz
150 Hz
--
-
0
1
--
-
-
High-pass enable
Off (bypass)
On
xx
x
-
-
-
-
-
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com