Electronic Components Datasheet Search
  English  ▼

X  

TDA7720B Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7720B
Description  3 band car audio processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7720B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7720B Datasheet HTML 16Page - STMicroelectronics TDA7720B Datasheet HTML 17Page - STMicroelectronics TDA7720B Datasheet HTML 18Page - STMicroelectronics TDA7720B Datasheet HTML 19Page - STMicroelectronics TDA7720B Datasheet HTML 20Page - STMicroelectronics TDA7720B Datasheet HTML 21Page - STMicroelectronics TDA7720B Datasheet HTML 22Page - STMicroelectronics TDA7720B Datasheet HTML 23Page - STMicroelectronics TDA7720B Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Description of audioprocessor
TDA7720B
20/42
DocID024331 Rev 2
4.7.2
Middle center frequency
Figure 12 shows the four possible center frequencies 500 Hz, 1 kHz, 1.5 kHz and 2.5 kHz.
Figure 12. Middle center frequency @ gain = 14 dB, Q = 1
4.7.3
Quality factors
Figure 13 shows the three possible quality factors 0.75, 1 and 1.25.
Figure 13. Middle quality factors @ gain = 14 dB, fc =1 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com