Electronic Components Datasheet Search
  English  ▼

X  

TDA7720B Datasheet(PDF) 38 Page - STMicroelectronics

Part # TDA7720B
Description  3 band car audio processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7720B Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TDA7720B Datasheet HTML 34Page - STMicroelectronics TDA7720B Datasheet HTML 35Page - STMicroelectronics TDA7720B Datasheet HTML 36Page - STMicroelectronics TDA7720B Datasheet HTML 37Page - STMicroelectronics TDA7720B Datasheet HTML 38Page - STMicroelectronics TDA7720B Datasheet HTML 39Page - STMicroelectronics TDA7720B Datasheet HTML 40Page - STMicroelectronics TDA7720B Datasheet HTML 41Page - STMicroelectronics TDA7720B Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
I2C bus specification
TDA7720B
38/42
DocID024331 Rev 2
-0
1
--
-
-
-
-
Clock source (2)
External (MUTE Pin)
Internal (200 kHz)
0
1
--
-
-
-
-
-
Attenuator gain clock control (2)
On
Off
1.
The control bit needs both I2C test mode on & sub-address test mode on.
2.
The control bit does not depend on test mode.
Table 20. Testing audio processor 1 (19) (continued)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
Table 21. Testing audio processor 2 (20)
MSB
LSB
Function
D7
D6
D5
D4
D3
D2
D1
D0
--
--
-
-
-
0
1
Test architecture (1)
Normal
Split
--
--
-
-
0
1
-
Oscillator clock (2)
400 kHz
800 kHz
--
--
-
0
1
--
Soft-step curve (2)
S-Curve
Linear curve
--
-
0
0
1
1
0
1
0
1
--
-
Manual set busy signal (1)
Auto
Auto
0
1
--
-
0
0
1
1
0
1
0
1
--
-
Request for clk generator (1)
Allow
Allow
Stopped
Stopped
--
0
1
--
-
-
-
No DCO spike rejection(1)
On
Off
xx
-
-
-
-
-
-
Not used
1.
The control bit needs sub-address test mode on.
2.
The control bit does not depend on test mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com