Electronic Components Datasheet Search
  English  ▼

X  

ADT7468 Datasheet(PDF) 39 Page - Analog Devices

Part # ADT7468
Description  dBCool??Remote Thermal Controller and Voltage Monitor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7468 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADT7468 Datasheet HTML 35Page - Analog Devices ADT7468 Datasheet HTML 36Page - Analog Devices ADT7468 Datasheet HTML 37Page - Analog Devices ADT7468 Datasheet HTML 38Page - Analog Devices ADT7468 Datasheet HTML 39Page - Analog Devices ADT7468 Datasheet HTML 40Page - Analog Devices ADT7468 Datasheet HTML 41Page - Analog Devices ADT7468 Datasheet HTML 42Page - Analog Devices ADT7468 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
ADT7468
Rev. 0 | Page 39 of 80
RECOMMENDED IMPLEMENTATION 2
Configuring the ADT7468 as in Figure 52 provides the system
designer with the following features:
1.
Six VID inputs (VID0 to VID5) for VRM10 support.
2.
Three PWM outputs for fan control of up to three fans.
(All three fans can be individually controlled.)
3.
Three TACH fan speed measurement inputs.
4.
VCC measured internally through Pin 4.
5.
CPU core voltage measurement (VCORE).
6.
2.5 V measurement input used to monitor CPU current
(connected to VCOMP output of ADP316x VRM controller).
This is used to determine CPU power consumption.
7.
5 V measurement input.
8.
VRM temperature using local temperature sensor.
9.
CPU temperature measured using the Remote 1
temperature channel.
10. Ambient temperature measured through the Remote 2
temperature channel.
11. If not using VID5, this pin can be reconfigured as the 12 V
monitoring input.
12. Bidirectional THERM pin allows the monitoring of
PROCHOT output from an Intel P4 processor, for example,
or can be used as an overtemperature THERM output.
FRONT
CHASSIS
FAN
TACH2
ADT7468
PWM3
REAR
CHASSIS
FAN
AMBIENT
TEMPERATURE
ADP316x
VRM
CONTROLLER
VCOMP
TACH3
D1+
D1–
3.3VSB
5V
12V/VID5
CURRENT
VCORE
GND
PWM1
TACH1
VID[0:4]/VID[0.5]
D2+
D2–
THERM
SDA
SCL
PROCHOT
5(VRM9)/6(VRM10)
CPU FAN
CPU
ICH
Figure 52. Recommended Implementation 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com