Electronic Components Datasheet Search
  English  ▼

X  

ADT7468 Datasheet(PDF) 16 Page - Analog Devices

Part # ADT7468
Description  dBCool??Remote Thermal Controller and Voltage Monitor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7468 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADT7468 Datasheet HTML 12Page - Analog Devices ADT7468 Datasheet HTML 13Page - Analog Devices ADT7468 Datasheet HTML 14Page - Analog Devices ADT7468 Datasheet HTML 15Page - Analog Devices ADT7468 Datasheet HTML 16Page - Analog Devices ADT7468 Datasheet HTML 17Page - Analog Devices ADT7468 Datasheet HTML 18Page - Analog Devices ADT7468 Datasheet HTML 19Page - Analog Devices ADT7468 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 80 page
background image
ADT7468
Rev. 0 | Page 16 of 80
VID Code Register (Reg. 0x43)
<7> VIDSEL = 0,
Pin 21 functions as a 12 V measurement
input. Software can read this bit to determine that there are five
VID inputs being monitored. Bit 5 of Register 0x43 (VID5)
always reads back 0. Bit 0 of Status Register 2 (Reg. 0x42)
reflects 12 V out-of-limit measurements.
VIDSEL = 1,
Pin 21 functions as the sixth VID code input
(VID5). Software can read this bit to determine that there are
six VID inputs being monitored. Bit 5 of Register 0x43 reflects
the logic state of Pin 21. Bit 0 of Status Register 2 (Reg. 0x42)
reflects VID code changes.
VID CODE CHANGE DETECT FUNCTION
The ADT7468 has a VID code change detect function. When
Pin 21 is configured as the VID5 input, VID code changes can
be detected and reported back by the ADT7468. Bit 0 of Status
Register 2 (Reg. 0x42) is the 12 V/VC bit and denotes a VID
change when set. The VID code change bit is set when the logic
states on the VID inputs are different than they were 11 µs
previously. The change of VID code can be used to generate an
SMBALERT interrupt. If an SMBALERT interrupt is not
required, Bit 0 of Interrupt Mask Register 2 (Reg. 0x75), when
set, prevents SMBALERTs from occurring on VID code
changes.
Status Register 2 (Reg. 0x42)
<0> 12V/VC = 0,
if Pin 21 is configured as VID5, then Logic 0
denotes no change in VID code within the last 11 µs.
<0> 12V/VC = 1,
if Pin 21 is configured as VID5, then Logic 1
means that a change has occurred on the VID code inputs
within the last 11 µs. An SMBALERT is generated, if this
function is enabled.
ADDITIONAL ADC FUNCTIONS FOR VOLTAGE
MEASUREMENTS
A number of other functions are available on the ADT7468 to
offer the system designer increased flexibility.
Turn-Off Averaging
For each voltage measurement read from a value register,
16 readings have actually been made internally and the results
averaged before being placed into the value register. For
instances where faster conversions are needed, setting Bit 4 of
Configuration Register 2 (Reg. 0x73) turns averaging off. This
effectively gives a reading 16 times faster (0.7 ms), but the
reading may be noisier.
Bypass Voltage Input Attenuator
Setting Bit 5 of Configuration Register 2 (Reg. 0x73) removes
the attenuation circuitry from the 2.5 V, VCCP, VCC, 5 V, and 12 V
inputs. This allows the user to directly connect external sensors
or rescale the analog voltage measurement inputs for other
applications. The input range of the ADC without the
attenuators is 0 V to 2.25 V.
Single-Channel ADC Conversion
Setting Bit 6 of Configuration Register 2 (Reg. 0x73) places the
ADT7468 into single-channel ADC conversion mode. In this
mode, the ADT7468 can be made to read a single voltage
channel only. If the internal ADT7468 clock is used, the selected
input is read every 0.7 ms. The appropriate ADC channel is
selected by writing to Bits <7:5> of the TACH1 minimum high
byte register (0x55).
Bits <7:5> Reg. 0x55
Channel Selected
000
2.5 V
001
VCCP
010
VCC
011
5 V
100
12 V
101
Remote 1 Temperature
110
Local Temperature
111
Remote 2 Temperature
Configuration Register 2 (Reg. 0x73)
<4> = 1,
averaging off.
<5> = 1,
bypass input attenuators.
<6> = 1,
single-channel convert mode.
TACH1 Minimum High Byte (Reg. 0x55)
<7:5>
Selects ADC channel for single-channel convert mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com