Electronic Components Datasheet Search
  English  ▼

X  

ADT7468 Datasheet(PDF) 33 Page - Analog Devices

Part # ADT7468
Description  dBCool??Remote Thermal Controller and Voltage Monitor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7468 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADT7468 Datasheet HTML 29Page - Analog Devices ADT7468 Datasheet HTML 30Page - Analog Devices ADT7468 Datasheet HTML 31Page - Analog Devices ADT7468 Datasheet HTML 32Page - Analog Devices ADT7468 Datasheet HTML 33Page - Analog Devices ADT7468 Datasheet HTML 34Page - Analog Devices ADT7468 Datasheet HTML 35Page - Analog Devices ADT7468 Datasheet HTML 36Page - Analog Devices ADT7468 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 80 page
background image
ADT7468
Rev. 0 | Page 33 of 80
2-Wire Fan Speed Measurements (Low Frequency Mode
Only)
The ADT7468 is capable of measuring the speed of 2-wire fans,
that is, fans without TACH outputs. To do this, the fan must be
interfaced as shown in the Driving 2-Wire Fans section. In this
case, the TACH inputs should be reprogrammed as analog
inputs, AIN.
Configuration Register 2 (Reg. 0x73)
Bit 3 (AIN4) = 1,
Pin 14 is reconfigured to measure the speed
of a 2-wire fan using an external sensing resistor and coupling
capacitor.
Bit 2 (AIN3) = 1,
Pin 9 is reconfigured to measure the speed of
a 2-wire fan using an external sensing resistor and coupling
capacitor.
Bit 1 (AIN2) = 1,
Pin 12 is reconfigured to measure the speed
of a 2-wire fan using an external sensing resistor and coupling
capacitor.
Bit 0 (AIN1) = 1,
Pin 11 is reconfigured to measure the speed
of a 2-wire fan using an external sensing resistor and coupling
capacitor.
AIN Switching Threshold
Having configured the TACH inputs as AIN inputs for 2-wire
measurements, a user can select the sensing threshold for the
AIN signal.
Configuration Register 4 (Reg. 0x7D)
<3:2> AINL,
input threshold for 2-wire fan speed
measurements.
00 = ±20 mV
01 = ±40 mV
10 = ±80 mV
11 = ±130 mV
Fan Spin-Up
The ADT7468 has a unique fan spin-up function. It spins the
fan at 100% PWM duty cycle until two TACH pulses are
detected on the TACH input. Once two TACH pulses have been
detected, the PWM duty cycle goes to the expected running
value, for example, 33%. The advantage is that fans have
different spin-up characteristics and take different times to
overcome inertia. The ADT7468 runs the fans just fast enough
to overcome inertia and is quieter on spin-up than fans
programmed to spin up for a given spin-up time.
Fan Startup Timeout
To prevent the generation of false interrupts as a fan spins up
(because it is below running speed), the ADT7468 includes a
fan startup timeout function. During this time, the ADT7468
looks for two TACH pulses. If two TACH pulses are not
detected, then an interrupt is generated.
Using Configuration Register 4 (0x40) Bit 5 (FSPDIS), this
functionality can be changed (see the Disabling Fan Startup
Timeout section).
PWM1 Configuration (Reg. 0x5C)
<2:0> SPIN
, startup timeout for PWM1.
000 = No startup timeout
001 = 100 ms
010 = 250 ms default
011 = 400 ms
100 = 667 ms
101 = 1 s
110 = 2 s
111 = 4 s
PWM2 Configuration (Reg. 0x5D)
<2:0> SPIN
, startup timeout for PWM2.
000 = No startup timeout
001 = 100 ms
010 = 250 ms default
011 = 400 ms
100 = 667 ms
101 = 1 s
110 = 2 s
111 = 4 s
PWM3 Configuration (Reg. 0x5E)
<2:0> SPIN
, start-up timeout for PWM3.
000 = No startup timeout
001 = 100 ms
010 = 250 ms default
011 = 400 ms
100 = 667 ms
101 = 1 s
110 = 2 s
111 = 4 s
Disabling Fan Startup Timeout
Although fan startup makes fan spin-ups much quieter than
fixed-time spin-ups, the option exists to use fixed spin-up times.
Setting Bit 5 (FSPDIS) to 1 in Configuration Register 1
(Reg. 0x40) disables the spin-up for two TACH pulses. Instead,
the fan spins up for the fixed time as selected in Reg. 0x5C to
Reg. 0x5E.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com