Electronic Components Datasheet Search
  English  ▼

X  

ADT7468 Datasheet(PDF) 71 Page - Analog Devices

Part # ADT7468
Description  dBCool??Remote Thermal Controller and Voltage Monitor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7468 Datasheet(HTML) 71 Page - Analog Devices

Back Button ADT7468 Datasheet HTML 67Page - Analog Devices ADT7468 Datasheet HTML 68Page - Analog Devices ADT7468 Datasheet HTML 69Page - Analog Devices ADT7468 Datasheet HTML 70Page - Analog Devices ADT7468 Datasheet HTML 71Page - Analog Devices ADT7468 Datasheet HTML 72Page - Analog Devices ADT7468 Datasheet HTML 73Page - Analog Devices ADT7468 Datasheet HTML 74Page - Analog Devices ADT7468 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
ADT7468
Rev. 0 | Page 71 of 80
Table 35. Register 0x62—Enhanced Acoustics Register 1 (Power-On Default = 0x00)
Bit
Name
R/W1
Description
<2:0>
ACOU
Read/write
These bits select the ramp rate applied to the PWM1 output. Instead of PWM1 jumping instantaneously to
its newly calculated speed, PWM1 ramps gracefully at the rate determined by these bits. This feature
enhances the acoustics of the fan being driven by the PWM1 output.
Time Slot Increase
Time for 33% to 100%
000 = 1
35 s
001 = 2
17.6 s
010 = 3
11.8 s
011 = 4
7 s
100 = 8
4.4 s
101 = 12
3 s
110 = 24
1.6 s
111 = 48
0.8 s
<3>
EN1
Read/write
When this bit is 1, acoustic enhancement is enabled on PWM1 output.
<4>
SYNC
Read/write
SYNC = 1 synchronizes fan speed measurements on TACH2, TACH3, and TACH4 to PWM3. This allows up to
three fans to be driven from PWM3 output and their speeds to be measured.
SYNC = 0 synchronizes only TACH3 and TACH4 to PWM3 output.
<5>
MIN1
Read/write
When the ADT7468 is in automatic fan control mode, this bit defines whether PWM1 is off (0% duty cycle) or
at PWM1 minimum duty cycle when the controlling temperature is below its TMIN – hysteresis value.
0 = 0% duty cycle below TMIN – hysteresis.
1 = PWM1 minimum duty cycle below TMIN – hysteresis.
<6>
MIN2
Read/write
When the ADT7468 is in automatic fan speed control mode, this bit defines whether PWM2 is off (0% duty
cycle) or at PWM2 minimum duty cycle when the controlling temperature is below its TMIN – hysteresis value.
0 = 0% duty cycle below TMIN – hysteresis.
1 = PWM 2 minimum duty cycle below TMIN – hysteresis.
<7>
MIN3
Read/write
When the ADT7468 is in automatic fan speed control mode, this bit defines whether PWM3 is off (0% duty
cycle) or at PWM3 minimum duty cycle when the controlling temperature is below its TMIN – hysteresis value.
0 = 0% duty cycle below TMIN – hysteresis.
1 = PWM3 minimum duty cycle below TMIN – hysteresis.
1This register becomes read-only when the Configuration Register 1 lock bit is set to 1. Any further attempts to write to this register have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com