Electronic Components Datasheet Search
  English  ▼

X  

ADT7468 Datasheet(PDF) 13 Page - Analog Devices

Part # ADT7468
Description  dBCool??Remote Thermal Controller and Voltage Monitor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7468 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADT7468 Datasheet HTML 9Page - Analog Devices ADT7468 Datasheet HTML 10Page - Analog Devices ADT7468 Datasheet HTML 11Page - Analog Devices ADT7468 Datasheet HTML 12Page - Analog Devices ADT7468 Datasheet HTML 13Page - Analog Devices ADT7468 Datasheet HTML 14Page - Analog Devices ADT7468 Datasheet HTML 15Page - Analog Devices ADT7468 Datasheet HTML 16Page - Analog Devices ADT7468 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
ADT7468
Rev. 0 | Page 13 of 80
R/W
0
SCL
SDA
10
1
1
1
0
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
ADT7468
STOP BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
1
1
9
ACK. BY
ADT7468
9
Figure 17. Writing to the Address Pointer Register Only
R/W
0
SCL
SDA
10
1
1
1
0
D7
D6
D5
D4
D3
D2
D1
D0
NO ACK. BY
MASTER
STOP BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
DATA BYTE FROM ADT7468
1
1
9
ACK. BY
ADT7468
9
Figure 18. Reading Data from a Previously Selected Register
It is possible to read a data byte from a data register without
first writing to the address pointer register, if the address
pointer register is already at the correct value. However, it is not
possible to write data to a register without writing to the address
pointer register, because the first data byte of a write is always
written to the address pointer register.
In addition to supporting the send byte and receive byte
protocols, the ADT7468 also supports the read byte protocol.
(see System Management Bus Specifications Rev. 2 for more
information. This document is available from Intel.)
If several read or write operations must be performed in
succession, the master can send a repeat start condition instead
of a stop condition to begin a new operation.
WRITE OPERATIONS
The SMBus specification defines several protocols for different
types of read and write operations. The ones used in the
ADT7468 are discussed below. The following abbreviations are
used in the diagrams:
S – START
P – STOP
R – READ
W – WRITE
A – ACKNOWLEDGE
A – NO ACKNOWLEDGE
The ADT7468 uses the following SMBus write protocols.
Send Byte
In this operation, the master device sends a single command
byte to a slave device as follows:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by the
write bit (low).
3.
The addressed slave device asserts ACK on SDA.
4.
The master sends a command code.
5.
The slave asserts ACK on SDA.
6.
The master asserts a stop condition on SDA and the
transaction ends.
For the ADT7468, the send byte protocol is used to write a
register address to RAM for a subsequent single byte read from
the same address. This operation is illustrated in Figure 19.
SLAVE
ADDRESS
WA
SA P
REGISTER
ADDRESS
23
15
6
4
Figure 19. Setting a Register Address for Subsequent Read
If the master is required to read data from the register
immediately after setting up the address, it can assert a repeat
start condition immediately after the final ACK and carry out a
single byte read without asserting an intermediate stop
condition.
Write Byte
In this operation, the master device sends a command byte and
one data byte to the slave device, as follows:
1.
The master device asserts a start condition on SDA.
2.
The master sends the 7-bit slave address followed by the
write bit (low).
3.
The addressed slave device asserts ACK on SDA.
4.
The master sends a command code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com