Electronic Components Datasheet Search
  English  ▼

X  

ADT7468 Datasheet(PDF) 67 Page - Analog Devices

Part # ADT7468
Description  dBCool??Remote Thermal Controller and Voltage Monitor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7468 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADT7468 Datasheet HTML 63Page - Analog Devices ADT7468 Datasheet HTML 64Page - Analog Devices ADT7468 Datasheet HTML 65Page - Analog Devices ADT7468 Datasheet HTML 66Page - Analog Devices ADT7468 Datasheet HTML 67Page - Analog Devices ADT7468 Datasheet HTML 68Page - Analog Devices ADT7468 Datasheet HTML 69Page - Analog Devices ADT7468 Datasheet HTML 70Page - Analog Devices ADT7468 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 80 page
background image
ADT7468
Rev. 0 | Page 67 of 80
Table 27. Register 0x42—Interrupt Status Register 2 (Power-On Default = 0x00)
Bit
Name
R/W
Description
<0>
12V/VC
Read-only
A one indicates that the 12 V high or low limit has been exceeded. This bit is cleared on a read of the status
register only if the error condition has subsided. If Pin 21 is configured as VID5, this bit is the VID change bit.
This bit is set when the levels on VID0 to VID5 are different than they were 11 µs previously. This pin can be
used to generate an SMBALERT whenever the VID code changes.
<1>
OVT
Read-only
OVT = 1 indicates that one of the THERM overtemperature limits has been exceeded. This bit is cleared on a
read of the status register when the temperature drops below THERM − THYST.
<2>
FAN1
Read-only
FAN1 = 1 indicates that Fan 1 has dropped below minimum speed or has stalled. This bit is not set when the
PWM 1 output is off.
<3>
FAN2
Read-only
FAN2 = 1 indicates that Fan 2 has dropped below minimum speed or has stalled. This bit is not set when the
PWM 2 output is off.
<4>
FAN3
Read-only
FAN3 = 1 indicates that Fan 3 has dropped below minimum speed or has stalled. This bit is not set when the
PWM 3 output is off.
<5>
F4P
Read-only
When Pin 14 is programmed as a TACH4 input, F4P = 1 indicates that Fan 4 has dropped below minimum
speed or has stalled. This bit is not set when the PWM3 output is off.
Read/write
When Pin 14 is programmed as a GPIO output, writing to this bit determines the logic output of the GPIO.
Read-only
If Pin 14 is configured as the THERM timer input for THERM monitoring, then this bit is set when the THERM
assertion time exceeds the limit programmed in the THERM limit register (Reg. 0x7A).
<6>
D1
Read-only
D1 = 1 indicates either an open or short circuit on the Thermal Diode 1 inputs.
<7>
D2
Read-only
D2 = 1 indicates either an open or short circuit on the Thermal Diode 2 inputs.
Table 28. Register 43H—VID Register (Power-On Default = 0x00 )
Bit
Name
R/W
Description
<4:0>
VID[4:0]
Read-only
The VID[4:0] inputs from the CPU indicate the expected processor core voltage. On power-up, these bits
reflect the state of the VID pins, even if monitoring is not enabled.
<5>
VID5
Read-only
Reads VID5 from the CPU when Bit 7 = 1. If Bit 7 = 0, then the VID5 bit always reads back 0 (power-on
default).
<6>
THLD
Read/write
Selects the input switching threshold for the VID inputs.
THLD = 0 selects a threshold of 1 V (VOL < 0.8 V, VIH > 1.7 V).
THLD = 1 lowers the switching threshold to 0.6 V (VOL < 0.4 V, VIH > 0.8 V).
<7>
VIDSEL
Read/write
VIDSEL = 0 configures Pin 21 as the 12 V measurement input (default).
Table 29. Voltage Limit Registers1
Register Address
R/W
Description2
Power-On Default
0x44
Read/write
2.5 V.
0x00
0x45
Read/write
2.5 V.
0xFF
0x46
Read/write
VCCP low limit.
0x00
0x47
Read/write
VCCP high limit.
0xFF
0x48
Read/write
VCC low limit.
0x00
0x49
Read/write
VCC high limit.
0xFF
0x4A
Read/write
5 V low limit.
0x00
0x4B
Read/write
5 V high limit.
0xFF
0x4C
Read/write
12 V low limit.
0x00
0x4D
Read/write
12 V high limit.
0xFF
1 Setting the Configuration Register 1 lock bit has no effect on these registers.
2 High Limits: An interrupt is generated when a value exceeds its high limit (> comparison). Low Limits: An interrupt is generated when a value is equal to or below its
low limit (
≤ comparison).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com