Electronic Components Datasheet Search
  English  ▼

X  

ADT7468 Datasheet(PDF) 72 Page - Analog Devices

Part # ADT7468
Description  dBCool??Remote Thermal Controller and Voltage Monitor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7468 Datasheet(HTML) 72 Page - Analog Devices

Back Button ADT7468 Datasheet HTML 68Page - Analog Devices ADT7468 Datasheet HTML 69Page - Analog Devices ADT7468 Datasheet HTML 70Page - Analog Devices ADT7468 Datasheet HTML 71Page - Analog Devices ADT7468 Datasheet HTML 72Page - Analog Devices ADT7468 Datasheet HTML 73Page - Analog Devices ADT7468 Datasheet HTML 74Page - Analog Devices ADT7468 Datasheet HTML 75Page - Analog Devices ADT7468 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 80 page
background image
ADT7468
Rev. 0 | Page 72 of 80
Table 36. Register 0x63 – Enhanced Acoustics Register 2 (Power-On Default = 0x00)
Bit
Name
R/W1
Description
<2:0>
ACOU3
Read/write
These bits select the ramp rate applied to the PWM3 output. Instead of PWM3 jumping instantaneously to
its newly calculated speed, PWM3 ramps gracefully at the rate determined by these bits. This effect
enhances the acoustics of the fan being driven by the PWM3 output.
Time Slot Increase
Time for 33% to 100%
000 = 1
35 s
001 = 2
17.6 s
010 = 3
11.8 s
011 = 5
7 s
100 = 8
4.4 s
101 = 12
3 s
110 = 24
1.6 s
111 = 48
0.8 s
< 3 >
EN3
Read/write
When this bit is 1, acoustic enhancement is enabled on PWM3 output.
<6:4>
ACOU2
Read/write
These bits select the ramp rate applied to the PWM2 output. Instead of PWM2 jumping instantaneously to
its newly calculated speed, PWM2 ramps gracefully at the rate determined by these bits. This effect
enhances the acoustics of the fans being driven by the PWM2 output.
Time Slot Increase
Time for 33% to 100%
000 = 1
35 s
001 = 2
17.6 s
010 = 3
11.8 s
011 = 5
7 s
100 = 8
4.4 s
101 = 12
3 s
110 = 24
1.6 s
<7>
EN2
Read/write
When this bit is 1, acoustic enhancement is enabled on PWM2 output.
1 This register becomes read-only when the Configuration Register 1 lock bit is set to 1. Any further attempts to write to this register have no effect.
Table 37. PWM Minimum Duty Cycle Registers
Register Address
R/W1
Description
Power-On Default
0x64
Read/write
PWM1 minimum duty cycle.
0x80 (50% duty cycle)
0x65
Read/write
PWM2 minimum duty cycle.
0x80 (50% duty cycle)
0x66
Read/write
PWM3 minimum duty cycle.
0x80 (50% duty cycle)
Bit
Name
R/W1
Description
<7:0>
PWM duty cycle
Read/write
These bits define the PWMMIN duty cycle for PWMx.
0x00 = 0% duty cycle (fan off ).
0x40 = 25% duty cycle.
0x80 = 50% duty cycle.
0xFF = 100% duty cycle (fan full speed).
1These registers become read-only when the ADT7468 is in automatic fan control mode.
Table 38. TMIN Registers1
Register Address
R/W2
Description
Power-On Default
0x67
Read/write
Remote 1 temperature TMIN.
0x5A (90°C)
0x68
Read/write
Local temperatue TMIN.
0x5A (90°C)
0x69
Read/write
Remote 2 temperature TMIN.
0x5A (90°C)
1 These are the TMIN registers for each temperature channel. When the temperature measured exceeds TMIN, the appropriate fan runs at minimum speed and increases
with temperature according to TRANGE.
2 These registers become read-only when the Configuration Register 1 lock bit is set. Any further attempts to write to these registers have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com