Electronic Components Datasheet Search
  English  ▼

X  

ADT7468 Datasheet(PDF) 30 Page - Analog Devices

Part # ADT7468
Description  dBCool??Remote Thermal Controller and Voltage Monitor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7468 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADT7468 Datasheet HTML 26Page - Analog Devices ADT7468 Datasheet HTML 27Page - Analog Devices ADT7468 Datasheet HTML 28Page - Analog Devices ADT7468 Datasheet HTML 29Page - Analog Devices ADT7468 Datasheet HTML 30Page - Analog Devices ADT7468 Datasheet HTML 31Page - Analog Devices ADT7468 Datasheet HTML 32Page - Analog Devices ADT7468 Datasheet HTML 33Page - Analog Devices ADT7468 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
ADT7468
Rev. 0 | Page 30 of 80
Driving 2-Wire Fans
The ADT7468 can support 2-wire fans only when low fre-
quency PWM mode is selected in Configuration Register 5,
Bit 2. If this bit is not set to 1, the ADT7468 cannot measure the
speed of 2-wire fans.
Figure 39 shows how a 2-wire fan can be connected to the
ADT7468. This circuit allows the speed of a 2-wire fan to be
measured, even though the fan has no dedicated TACH signal.
A series resistor, RSENSE, in the fan circuit converts the fan
commutation pulses into a voltage, which is ac-coupled into the
ADT7468 through the 0.01 µF capacitor. On-chip signal
conditioning allows accurate monitoring of fan speed. The
value of RSENSE chosen depends upon the programmed input
threshold and the current drawn by the fan. For fans drawing
approximately 200 mA, a 2 Ω RSENSE value is suitable when the
threshold is programmed as 40 mV.
ADT7468
PWM
TACH
5V OR
12V FAN
Q1
NDT3055L
3.3V
+V
10k
Ω
TYPICAL
1N4148
0.01
µF
RSENSE
2
Ω
TYPICAL
Figure 39. Driving a 2-Wire Fan
Figure 40 shows a typical plot of the sensing waveform at the
TACH/AIN pin.
Figure 40. Fan Speed Sensing Waveform at TACH/AIN Pin
For fans that draw more current, such as larger desktop or
server fans, RSENSE can be reduced for the same programmed
threshold. The smaller the threshold programmed the better,
because more voltage is developed across the fan and the fan
spins faster. Note that when the voltage spikes (either negative
going or positive going) are more than 40 mV in amplitude, the
fan speed can be reliably determined.
LAYING OUT 2-WIRE AND 3-WIRE FANS
Figure 41 shows how to lay out a common circuit arrangement
for 2-wire and 3-wire fans. Some components are not populated,
depending on whether a 2-wire or 3-wire fan is used.
Q1
MMBT2222
R2
R1
R3
R4
R5
PWM
1N4148
3.3V OR 5V
12V OR 5V
C1
TACH
FOR 3-WIRE FANS:
POPULATE R1, R2, R3
R4 = 0W
C1 = UNPOPULATED
FOR 2-WIRE FANS:
POPULATE R4, C1
R1, R2, R3 UNPOPULATED
Figure 41. Planning for 2-Wire or 3-Wire Fans on a PCB
TACH Inputs
Pins 9, 11, 12, and 14 (when configured as TACH inputs) are
open-drain TACH inputs intended for fan speed measurement.
Signal conditioning in the ADT7468 accommodates the slow
rise and fall times typical of fan tachometer outputs. The
maximum input signal range is 0 V to 5 V, even when VCC is less
than 5 V. In the event that these inputs are supplied from fan
outputs that exceed 0 V to 5 V, either resistive attenuation of the
fan signal or diode clamping must be included to keep inputs
within an acceptable range.
Figure 42 to Figure 45 show circuits for most common fan
TACH outputs.
If the fan TACH output has a resistive pull-up to VCC, it can be
connected directly to the fan input, as shown in Figure 42.
12V
VCC
PULL-UP
4.7k
Ω
TYPICAL
TACH
OUTPUT
FAN SPEED
COUNTER
TACH
ADT7468
Figure 42. Fan with TACH Pull-Up to VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com