Electronic Components Datasheet Search
  English  ▼

X  

ADC358X Datasheet(PDF) 4 Page - Texas Instruments

Part # ADC358X
Description  ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC358X Datasheet(HTML) 4 Page - Texas Instruments

  ADC358X Datasheet HTML 1Page - Texas Instruments ADC358X Datasheet HTML 2Page - Texas Instruments ADC358X Datasheet HTML 3Page - Texas Instruments ADC358X Datasheet HTML 4Page - Texas Instruments ADC358X Datasheet HTML 5Page - Texas Instruments ADC358X Datasheet HTML 6Page - Texas Instruments ADC358X Datasheet HTML 7Page - Texas Instruments ADC358X Datasheet HTML 8Page - Texas Instruments ADC358X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 85 page
background image
Table 5-1. Pin Descriptions (continued)
PIN
I/O
Description
Name
No.
SDIO
10
I/O
Serial interface data input and output. This pin has an internal 21 kΩ pull-down resistor.
NC
27,38,39
-
Do not connect
DIGITAL INTERFACE
DA0P
20
O
Positive differential serial LVDS output for lane 0, channel A.
DA0M
19
O
Negative differential serial LVDS output for lane 0, channel A.
DA1P
18
O
Positive differential serial LVDS output for lane 1, channel A.
DA1M
17
O
Negative differential serial LVDS output for lane 1, channel A.
DB0P
31
O
Positive differential serial LVDS output for lane 0, channel B.
Used only in dual band complex decimation. Default is powered down.
DB0M
32
O
Negative differential serial LVDS output for lane 0, channel B.
Used only in dual band complex decimation. Default is powered down.
DB1P
33
O
Positive differential serial LVDS output for lane 1, channel B.
Used only in dual band complex decimation. Default is powered down.
DB1M
34
O
Negative differential serial LVDS output for lane 1, channel B.
Used only in dual band complex decimation. Default is powered down.
DCLKP
23
O
Positive differential serial LVDS bit clock output.
DCLKM
22
O
Negative differential serial LVDS bit clock output.
FCLKP
28
O
Positive differential serial LVDS frame clock output.
FCLKM
29
O
Negative differential serial LVDS frame clock output.
DCLKINP
25
I
Positive differential serial LVDS bit clock input. Internal 100 Ω differential termination.
DCLKINM
24
I
Negative differential serial LVDS bit clock input. Internal 100 Ω differential termination.
POWER SUPPLY
AVDD
5,15,36
I
Analog 1.8 V power supply
GND
11,14,37,40,
PowerPad
I
Ground, 0 V
IOVDD
21,30
I
1.8 V power supply for digital interface
IOGND
26
I
Ground, 0 V for digital interface
ADC3581, ADC3582, ADC3583
SBAS873A – FEBRUARY 2021 – REVISED OCTOBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADC3581 ADC3582 ADC3583



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com