Electronic Components Datasheet Search
  English  ▼

X  

ADC358X Datasheet(PDF) 7 Page - Texas Instruments

Part # ADC358X
Description  ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC358X Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC358X Datasheet HTML 3Page - Texas Instruments ADC358X Datasheet HTML 4Page - Texas Instruments ADC358X Datasheet HTML 5Page - Texas Instruments ADC358X Datasheet HTML 6Page - Texas Instruments ADC358X Datasheet HTML 7Page - Texas Instruments ADC358X Datasheet HTML 8Page - Texas Instruments ADC358X Datasheet HTML 9Page - Texas Instruments ADC358X Datasheet HTML 10Page - Texas Instruments ADC358X Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 85 page
background image
6.6 Electrical Characteristics - DC Specifications
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to
TMAX = 105°C, ADC sampling rate = 65 MSPS, 50% clock duty cycle, AVDD = IOVDD = 1.8 V, 1.6 V external reference, and
–1-dBFS differential input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ACCURACY
No missing codes
18
bits
PSRR
FIN = 1 MHz
50
dB
ADC3581: 10 MSPS
DNL
Differential nonlinearity
FIN = 5 MHz
± 0.7
± 0.9
LSB
INL
Integral nonlinearity
FIN = 5 MHz
± 7
± 16
LSB
VOS_ERR
Offset error
± 10
± 410
LSB
VOS_DRIFT
Offset drift over temperature
-0.01
LSB/ºC
GAINERR
Gain error
External 1.6V Reference
0.44
%FSR
GAINDRIFT
Gain drift over temperature
External 1.6V Reference
0.9
ppm/ºC
GAINERR
Gain error
Internal Reference
-1.2
%FSR
GAINDRIFT
Gain drift over temperature
Internal Reference
88
ppm/ºC
Transition Noise
5
LSB
ADC3582: 25 MSPS
DNL
Differential nonlinearity
FIN = 5 MHz
± 0.7
± 0.9
LSB
INL
Integral nonlinearity
FIN = 5 MHz
± 7
± 16
LSB
VOS_ERR
Offset error
± 40
± 410
LSB
VOS_DRIFT
Offset drift over temperature
0.03
LSB/ºC
GAINERR
Gain error
External 1.6V Reference
-0.26
%FSR
GAINDRIFT
Gain drift over temperature
External 1.6V Reference
0.6
ppm/ºC
GAINERR
Gain error
Internal Reference
-1.9
%FSR
GAINDRIFT
Gain drift over temperature
Internal Reference
85
ppm/ºC
Transition Noise
5
LSB
ADC3583: 65 MSPS
DNL
Differential nonlinearity
FIN = 5 MHz
± 0.7
± 0.9
LSB
INL
Integral nonlinearity
FIN = 5 MHz
± 7
± 19
LSB
VOS_ERR
Offset error
± 130
± 510
LSB
VOS_DRIFT
Offset drift over temperature
± 0.2
LSB/ºC
GAINERR
Gain error
External 1.6V Reference
± 2.3
%FSR
GAINDRIFT
Gain drift over temperature
External 1.6V Reference
68
ppm/ºC
GAINERR
Gain error
Internal Reference
± 3.5
%FSR
GAINDRIFT
Gain drift over temperature
Internal Reference
242
ppm/ºC
Transition Noise
5
LSB
www.ti.com
ADC3581, ADC3582, ADC3583
SBAS873A – FEBRUARY 2021 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ADC3581 ADC3582 ADC3583



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com