Electronic Components Datasheet Search
  English  ▼

X  

ADC358X Datasheet(PDF) 2 Page - Texas Instruments

Part # ADC358X
Description  ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC358X Datasheet(HTML) 2 Page - Texas Instruments

  ADC358X Datasheet HTML 1Page - Texas Instruments ADC358X Datasheet HTML 2Page - Texas Instruments ADC358X Datasheet HTML 3Page - Texas Instruments ADC358X Datasheet HTML 4Page - Texas Instruments ADC358X Datasheet HTML 5Page - Texas Instruments ADC358X Datasheet HTML 6Page - Texas Instruments ADC358X Datasheet HTML 7Page - Texas Instruments ADC358X Datasheet HTML 8Page - Texas Instruments ADC358X Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 85 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics - Power Consumption......... 6
6.6 Electrical Characteristics - DC Specifications............. 7
6.7 Electrical Characteristics - AC Specifications............. 9
6.8 Timing Requirements................................................12
6.9 Typical Characteristics - ADC3581........................... 14
6.10 Typical Characteristics - ADC3582......................... 17
6.11 Typical Characteristics - ADC3583......................... 21
7 Parameter Measurement Information.......................... 26
8 Detailed Description......................................................28
8.1 Overview................................................................... 28
8.2 Functional Block Diagram......................................... 28
8.3 Feature Description...................................................29
8.4 Device Functional Modes..........................................50
8.5 Programming............................................................ 51
8.6 Register Map.............................................................53
9 Application Information Disclaimer............................. 69
9.1 Typical Application.................................................... 69
9.2 Initialization Set Up................................................... 72
9.3 Power Supply Recommendations.............................73
9.4 Layout....................................................................... 74
10 Device and Documentation Support..........................76
10.1 Receiving Notification of Documentation Updates..76
10.2 Support Resources................................................. 76
10.3 Trademarks.............................................................76
10.4 Electrostatic Discharge Caution..............................76
10.5 Glossary..................................................................76
11 Mechanical, Packaging, and Orderable
Information.................................................................... 76
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (February 2021) to Revision A (October 2022)
Page
• Changed ADC3581 and ADC3582 from Product Preview to Production data................................................... 1
• Added the Typical Characteristics - ADC3581 graphs......................................................................................14
• Added the Typical Characteristics - ADC3582 graphs......................................................................................17
• Changed Sample N+1 position in Figure 7-2 and Figure 7-3 .......................................................................... 26
• Added GND symbol to REFGND pin for all voltage reference option diagrams...............................................34
• Added the Output Bit Mapper section...............................................................................................................46
• Added Table 8-11 .............................................................................................................................................51
• Changed Figure 9-6 diagram with correct indexing ......................................................................................... 72
ADC3581, ADC3582, ADC3583
SBAS873A – FEBRUARY 2021 – REVISED OCTOBER 2022
www.ti.com
2
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADC3581 ADC3582 ADC3583



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com