Electronic Components Datasheet Search
  English  ▼

X  

ADC358X Datasheet(PDF) 21 Page - Texas Instruments

Part # ADC358X
Description  ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC358X Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC358X Datasheet HTML 17Page - Texas Instruments ADC358X Datasheet HTML 18Page - Texas Instruments ADC358X Datasheet HTML 19Page - Texas Instruments ADC358X Datasheet HTML 20Page - Texas Instruments ADC358X Datasheet HTML 21Page - Texas Instruments ADC358X Datasheet HTML 22Page - Texas Instruments ADC358X Datasheet HTML 23Page - Texas Instruments ADC358X Datasheet HTML 24Page - Texas Instruments ADC358X Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
6.11 Typical Characteristics - ADC3583
Typical values at TA = 25 °C, ADC sampling rate = 65 MSPS, AIN = –1 dBFS differential input, AVDD = IOVDD = 1.8 V,
external 1.6 V voltage reference, unless otherwise noted.
SNR = 84.5 dBFS, SFDR = 81 dBc, Non HD23 = 101 dBFS
Figure 6-40. Single Tone FFT at FIN = 1 MHz
SNR = 84.0 dBFS, SFDR = 90 dBc, Non HD23 = 100 dBFS
Figure 6-41. Single Tone FFT at FIN = 5 MHz
SNR = 84.8 dBFS, SFDR =84 dBc, Non HD23 = 103 dBFS
Figure 6-42. Single Tone FFT at FIN = 5 MHz, AIN = -20 dBFS
SNR = 83.9 dBFS, SFDR = 89 dBc, Non HD23 = 97 dBFS
Figure 6-43. Single Tone FFT at FIN = 10 MHz
SNR = 81.0 dBFS, SFDR = 83 dBc, Non HD23 = 93 dBFS
Figure 6-44. Single Tone FFT at FIN = 40 MHz
SNR = 78.7 dBFS, SFDR = 86 dBc, Non HD23 = 89 dBFS
Figure 6-45. Single Tone FFT at FIN = 64 MHz
www.ti.com
ADC3581, ADC3582, ADC3583
SBAS873A – FEBRUARY 2021 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ADC3581 ADC3582 ADC3583



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com