Electronic Components Datasheet Search
  English  ▼

X  

ADC358X Datasheet(PDF) 69 Page - Texas Instruments

Part # ADC358X
Description  ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC358X Datasheet(HTML) 69 Page - Texas Instruments

Back Button ADC358X Datasheet HTML 65Page - Texas Instruments ADC358X Datasheet HTML 66Page - Texas Instruments ADC358X Datasheet HTML 67Page - Texas Instruments ADC358X Datasheet HTML 68Page - Texas Instruments ADC358X Datasheet HTML 69Page - Texas Instruments ADC358X Datasheet HTML 70Page - Texas Instruments ADC358X Datasheet HTML 71Page - Texas Instruments ADC358X Datasheet HTML 72Page - Texas Instruments ADC358X Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 85 page
background image
9 Application Information Disclaimer
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Typical Application
A spectrum analyzer is a typical frequency domain application for the ADC358x and its front end circuitry is
very similar to several other systems such as software defined radio (SDR), sonar, radar or communications.
Some applications require frequency coverage including DC or near DC (such as, sonar), so it is included in this
example.
Control
AIN
CLK
VREF
ADC
0.95V
VCM
DB0/1
DCLKIN
DCLK
FCLK
DA0/1
Dig I/F
FPGA
1.2V REF
REFBUF
10 k
0.6V
Device Clock
AMP
CVCM
Low Pass Filter
33
10
180nH
33
10
180nH
100 pF
Glitch Filter
10 uF
N
NCO
N
NCO
Figure 9-1. Typical configuration for a spectrum analyzer with DC support
9.1.1 Design Requirements
Frequency domain applications cover a wide range of frequencies from low input frequencies at or near DC in
the 1st Nyquist zone to undersampling in higher Nyquist zones. If very low input frequency is supported then the
input has to be DC coupled and the ADC driven by a fully differential amplifier (FDA). If low frequency support is
not needed then AC coupling and use of a balun may be more suitable.
The internal reference is used since DC precision is not needed. However the ADC AC performance is highly
dependent on the quality of the external clock source. If in-band interferers can be present then the ADC SFDR
performance will be a key care about as well. A higher ADC sampling rate is desirable in order to relax the
external anti-aliasing filter – an internal decimation filter can be used to reduce the digital output rate afterwards.
Table 9-1. Design key care-abouts
FEATURE
DESCRIPTION
Signal Bandwidth
DC to 20 MHz
Input Driver
Single ended to differential signal conversion and DC coupling
Clock Source
External clock with low jitter
When designing the amplifier/filter driving circuit, the ADC input full-scale voltage needs to be taken into
consideration. For example, the ADC358x input full-scale is 3.2 Vpp. When factoring in ~ 1 dB for insertion loss
of the filter, then the amplifier needs to deliver close to 3.6 Vpp. The amplifier distortion performance will degrade
www.ti.com
ADC3581, ADC3582, ADC3583
SBAS873A – FEBRUARY 2021 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
69
Product Folder Links: ADC3581 ADC3582 ADC3583



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com