Electronic Components Datasheet Search
  English  ▼

X  

ADC358X Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC358X
Description  ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC358X Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC358X Datasheet HTML 9Page - Texas Instruments ADC358X Datasheet HTML 10Page - Texas Instruments ADC358X Datasheet HTML 11Page - Texas Instruments ADC358X Datasheet HTML 12Page - Texas Instruments ADC358X Datasheet HTML 13Page - Texas Instruments ADC358X Datasheet HTML 14Page - Texas Instruments ADC358X Datasheet HTML 15Page - Texas Instruments ADC358X Datasheet HTML 16Page - Texas Instruments ADC358X Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 85 page
background image
6.8 Timing Requirements (continued)
Typical values are over the operating free-air temperature range, at TA = 25°C, full temperature range is TMIN = –40°C to
TMAX = 105°C, ADC sampling rate = 65 MSPS, 50% clock duty cycle, AVDD = IOVDD = 1.8 V, 1.6 V external reference, and
–1-dBFS differential input, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN NOM
MAX
UNIT
Interface Timing: Serial LVDS Interface
tPD
Propagation delay: sampling clock
falling edge to DCLK rising edge
Delay between sampling clock falling edge to
DCLKIN falling edge < 2.5ns.
TDCLK = DCLK period
tCDCLK = Sampling clock falling edge to DCLKIN
falling edge
2 +
TDCLK
+
tCDCLK
3 +
TDCLK
+
tCDCLK
4 +
TDCLK
+
tCDCLK
ns
Delay between sampling clock falling edge to
DCLKIN falling edge >= 2.5ns.
TDCLK = DCLK period
tCDCLK = Sampling clock falling edge to DCLKIN
falling edge
2 +
tCDCLK
3 +
tCDCLK
4 +
tCDCLK
ns
tCD
DCLK rising edge to output data
delay,
2-wire SLVDS
Fout = 10 MSPS, DA/B0,1 = 90 MBPS
0
0.1
ns
Fout = 25 MSPS, DA/B0,1 = 225 MBPS
0
0.1
Fout = 65 MSPS, DA/B0,1 = 585 MBPS
0
0.1
DCLK rising edge to output data
delay,
1-wire SLVDS
Fout = 10 MSPS, DA/B0 = 180 MBPS
0.1
0.2
Fout = 25 MSPS, DA/B0 = 450 MBPS
0
0.1
Fout = 55 MSPS, DA/B0 = 990 MBPS
-0.4
0.1
DCLK rising edge to output data
delay,
1/2-wire SLVDS
Fout = 5 MSPS, DA0 = 180 MBPS
0
0.1
Fout = 10 MSPS, DA0 = 360 MBPS
0
0.1
Fout = 25 MSPS, DA0 = 720 MBPS
0
0.1
tDV
Data valid, 2-wire SLVDS
Fout = 10 MSPS, DA/B0,1 = 90 MBPS
10.5
10.7
ns
Fout = 25 MSPS, DA/B0,1 = 225 MBPS
4.0
4.1
Fout = 65 MSPS, DA/B0,1 = 585 MBPS
1.3
1.4
Data valid, 1-wire SLVDS
Fout = 10 MSPS, DA/B0 = 180 MBPS
4.7
4.8
Fout = 25 MSPS, DA/B0 = 450 MBPS
1.8
1.9
Fout = 55 MSPS, DA/B0 = 990 MBPS
0.5
0.6
Data valid, 1/2-wire SLVDS
Fout = 5 MSPS, DA0 = 180 MBPS
4.7
4.8
Fout = 10 MSPS, DA0 = 360 MBPS
2.4
2.5
Fout = 25 MSPS, DA0 = 900 MBPS
0.6
0.7
SERIAL PROGRAMMING INTERFACE (SCLK, SEN, SDIO) - Input
fCLK(SCLK)
Serial clock frequency
20
MHz
tSU(SEN)
SEN to rising edge of SCLK
10
ns
tH(SEN)
SEN from rising edge of SCLK
9
ns
tSU(SDIO)
SDIO to rising edge of SCLK
17
ns
tH(SDIO)
SDIO from rising edge of SCLK
9
ns
SERIAL PROGRAMMING INTERFACE (SDIO) - Output
t(OZD)
SDIO tri-state to driven
3.9
10.8
ns
t(ODZ)
SDIO data to tri-state
3.4
14
ns
t(OD)
SDIO valid from falling edge of SCLK
3.9
10.8
ns
www.ti.com
ADC3581, ADC3582, ADC3583
SBAS873A – FEBRUARY 2021 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ADC3581 ADC3582 ADC3583



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com