Electronic Components Datasheet Search
  English  ▼

X  

ADC358X Datasheet(PDF) 20 Page - Texas Instruments

Part # ADC358X
Description  ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC358X Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADC358X Datasheet HTML 16Page - Texas Instruments ADC358X Datasheet HTML 17Page - Texas Instruments ADC358X Datasheet HTML 18Page - Texas Instruments ADC358X Datasheet HTML 19Page - Texas Instruments ADC358X Datasheet HTML 20Page - Texas Instruments ADC358X Datasheet HTML 21Page - Texas Instruments ADC358X Datasheet HTML 22Page - Texas Instruments ADC358X Datasheet HTML 23Page - Texas Instruments ADC358X Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 85 page
background image
6.10 Typical Characteristics - ADC3582 (continued)
Typical values at TA = 25 °C, ADC sampling rate = 25 MSPS, AIN = –1 dBFS differential input, AVDD = IOVDD = 1.8 V,
external 1.6 V voltage reference, unless otherwise noted.
Output Code
0
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
131085
Figure 6-36. DC Offset Histogram
Sampling Rate (MSPS)
0
5
10
15
20
25
15
17
19
21
23
25
27
29
31
33
35
IAVDD, ext REF
IAVDD, int REF
IIOVDD, 2-w
IIOVDD, 1-w
FIN = 1.1 MHz, DDC Bypass
Figure 6-37. Current vs Sampling Rate
Sampling Rate (MSPS)
0
5
10
15
20
25
24
25
26
27
28
29
30
Bypass
/4 real
/8 real
/32 real
/2 real
/4 complex
/8 complex
/32 complex
FIN = 1.1 MHz, 1-wire
Figure 6-38. IIOVDD Current vs Decimation
Sampling Rate (MSPS)
0
5
10
15
20
25
15
20
25
30
35
IIOVDD, 2-w
IIOVDD, 1-w
IIOVDD, 2-w (half swing)
IIOVDD, 1-w (half swing)
FIN = 1.1 MHz, Complex Decimation by 32
Figure 6-39. IIOVDD Current vs Interface
ADC3581, ADC3582, ADC3583
SBAS873A – FEBRUARY 2021 – REVISED OCTOBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADC3581 ADC3582 ADC3583



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com