Electronic Components Datasheet Search
  English  ▼

X  

ADC358X Datasheet(PDF) 42 Page - Texas Instruments

Part # ADC358X
Description  ADC358x 18-bit 0.5 MSPS to 65 MSPS Low Noise Ultra-low Power ADC
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC358X Datasheet(HTML) 42 Page - Texas Instruments

Back Button ADC358X Datasheet HTML 38Page - Texas Instruments ADC358X Datasheet HTML 39Page - Texas Instruments ADC358X Datasheet HTML 40Page - Texas Instruments ADC358X Datasheet HTML 41Page - Texas Instruments ADC358X Datasheet HTML 42Page - Texas Instruments ADC358X Datasheet HTML 43Page - Texas Instruments ADC358X Datasheet HTML 44Page - Texas Instruments ADC358X Datasheet HTML 45Page - Texas Instruments ADC358X Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 85 page
background image
8.3.4.7 Output Formatting with Decimation
When using decimation, the digital output data is formatted as shown in Figure 8-39 (complex decimation) and
Figure 8-40 (real decimation).The output format is illustrated for 18-bit output resolution.
FCLK
Serial LVDS
1-Wire
(18x Serialization)
Serial LVDS
2-Wire
(9x Serialization)
DA1
DA0
DB1
DB0
ChA
ChB
Serial LVDS
1/2-Wire
(36x Serialization)
FCLK
DA0
DB0
FCLK
DA0
DCLK
DCLK
DCLK
BI <17:0>
AI <17:0>
AQ <17:0>
BQ <17:0>
AI <17:0>
BI <17:0>
BQ <17:0>
AQ <17:0>
BI
D13
BI
D11
BI
D9
BI
D7
BI
D5
BI
D3
BI
D1
BI
D12
BI
D10
BI
D8
BI
D6
BI
D4
BI
D2
BI
D0
BQ
D13
BQ
D11
BQ
D9
BQ
D7
BQ
D5
BQ
D3
BQ
D12
BQ
D10
BQ
D8
BQ
D6
BQ
D4
BQ
D2
BQ
D1
BQ
D0
AI
D13
AI
D11
AI
D9
AI
D7
AI
D5
AI
D3
AI
D1
AI
D12
AI
D10
AI
D8
AI
D6
AI
D4
AI
D2
AI
D0
AQ
D13
AQ
D11
AQ
D9
AQ
D7
AQ
D5
AQ
D3
AQ
D12
AQ
D10
AQ
D8
AQ
D6
AQ
D4
AQ
D2
AQ
D1
AQ
D0
BI
D17
BI
D15
BI
D16
BI
D14
AI
D17
AI
D15
AI
D16
AI
D14
BQ
D17
BQ
D15
BQ
D16
BQ
D14
AQ
D17
AQ
D15
AQ
D16
AQ
D14
Figure 8-39. Output Data Format in Complex Decimation (18-bit Output Resolution)
Table 8-4 illustrates the output interface data rate along with the corresponding DCLK/DCLKIN and FCLK
frequencies based on output resolution (R), number of SLVDS lanes (L) and complex decimation setting (N).
Furthermore the table shows an actual lane rate example for the 2-, 1- and 1/2-wire interface, 18-bit output
resolution and complex decimation by 4.
Table 8-4. Serial LVDS Lane Rate Examples with Complex Decimation and 18-bit Output Resolution
DECIMATION
SETTING
ADC SAMPLING
RATE
OUTPUT
RESOLUTION
# of WIRES
FCLK
DCLKIN, DCLK
DA/B0,1
N
FS
R
L
FS / N
[DA/B0,1] / 2
FS x 2 x R / L / N
4
65 MSPS
18
2
16.25 MHz
146.25 MHz
292.5 MHz
1
292.5 MHz
585 MHz
55 MSPS
1/2
13.75 MHz
495 MHz
990 MHz
ADC3581, ADC3582, ADC3583
SBAS873A – FEBRUARY 2021 – REVISED OCTOBER 2022
www.ti.com
42
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: ADC3581 ADC3582 ADC3583



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com