Electronic Components Datasheet Search
  English  ▼

X  

LM7481 Datasheet(PDF) 32 Page - Texas Instruments

Part # LM7481
Description  LM7481 3-V to 65-V Ideal Diode Controller Driving Back to Back NFETs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7481 Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM7481 Datasheet HTML 27Page - Texas Instruments LM7481 Datasheet HTML 28Page - Texas Instruments LM7481 Datasheet HTML 29Page - Texas Instruments LM7481 Datasheet HTML 30Page - Texas Instruments LM7481 Datasheet HTML 31Page - Texas Instruments LM7481 Datasheet HTML 32Page - Texas Instruments LM7481 Datasheet HTML 33Page - Texas Instruments LM7481 Datasheet HTML 34Page - Texas Instruments LM7481 Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
PACKAGE OUTLINE
4224874/B 03/2019
www.ti.com
WSON - 0.8 mm max height
PLASTIC QUAD FLAT PACK- NO LEAD
DRR0012E
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
0.100 MIN
(0.130)
SECTION A-A
TYPICAL
PIN 1 INDEX AREA
3.1
2.9
3.1
2.9
0.05
0.00
0.8
0.7
SEATING PLANE
C
2X
2.5
A
A
PIN 1 ID
(OPTIONAL)
1
10X 0.5
12X 0.52
0.32
12X 0.3
0.2
(0.43) TYP
2.6
2.4
1.4
1.2
(0.2) TYP
6
7
12
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com