Electronic Components Datasheet Search
  English  ▼

X  

LM7481 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM7481
Description  LM7481 3-V to 65-V Ideal Diode Controller Driving Back to Back NFETs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7481 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM7481 Datasheet HTML 9Page - Texas Instruments LM7481 Datasheet HTML 10Page - Texas Instruments LM7481 Datasheet HTML 11Page - Texas Instruments LM7481 Datasheet HTML 12Page - Texas Instruments LM7481 Datasheet HTML 13Page - Texas Instruments LM7481 Datasheet HTML 14Page - Texas Instruments LM7481 Datasheet HTML 15Page - Texas Instruments LM7481 Datasheet HTML 16Page - Texas Instruments LM7481 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
8.3.2.1 Reverse Battery Protection (A, C, DGATE)
A, C, DGATE comprises of Ideal Diode stage. Connect the Source of the external MOSFET to A, Drain to C and
Gate to DGATE. The LM74810 has integrated reverse input protection down to –65 V.
Before the DGATE driver is enabled, following conditions must be achieved:
• The EN/UVLO pin voltage must be greater than the specified input high voltage.
• The CAP to VS voltage must be greater than the undervoltage lockout voltage.
• Voltage at A pin must be greater than VA POR Rising threshold.
• Voltage at Vs pin must be greater than Vs POR Rising thershold.
If the above conditions are not achieved, then the DGATE pin is internally connected to the A pin, assuring that
the external MOSFET is disabled.
In LM74810 the voltage drop across the MOSFET is continuously monitored between the A and C pins, and the
DGATE to A voltage is adjusted as needed to regulate the forward voltage drop at 9.1 mV (typ). This closed loop
regulation scheme enables graceful turn off of the MOSFET during a reverse current event and ensures zero DC
reverse current flow. This scheme ensures robust performance during slow input voltage ramp down tests. Along
with the linear regulation amplifier scheme, the LM74810 also integrates a fast reverse voltage comparator.
When the voltage drop across A and C reaches V(AC_REV) threshold then the DGATE goes low within 0.5-µs
(typ). This fast reverse voltage comparator scheme ensures robust performance during fast input voltage ramp
down tests such as input micro-shorts. The external MOSFET is turned ON back when the voltage across A and
C hits V(AC_FWD) threshold within 0.85 µs (typ).
For Ideal Diode only designs, connect LM74810 as shown in Figure 8-2.
GND
DGATE
A
HGATE
OUT
C
EN/UVLO
VBATT
12 V
VOUT
LM74810
CAP VS
ON OFF
Q1
D1
SMBJ36CA
SW
R2
R1
OV
VSNS
BATT_MON
Figure 8-2. Configuring LM74810 for Ideal Diode Only
8.3.2.2 Load Disconnect Switch Control (HGATE, OUT)
HGATE and OUT comprises of Load disconnect switch control stage. Connect the Source of the external
MOSFET to OUT and Gate to HGATE.
Before the HGATE driver is enabled, following conditions must be achieved:
• The EN/UVLO pin voltage must be greater than the specified input high voltage.
• The CAP to VS voltage must be greater than the undervoltage lockout voltage.
• Voltage at Vs pin must be greater than Vs POR Rising thershold.
If the above conditions are not achieved, then the HGATE pin is internally connected to the OUT pin, assuring
that the external MOSFET is disabled.
For Inrush Current limiting, connect CdVdT capacitor and R1 as shown in Figure 8-3.
www.ti.com
LM7481
SNOSDD9 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM7481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com