Electronic Components Datasheet Search
  English  ▼

X  

LM7481 Datasheet(PDF) 18 Page - Texas Instruments

Part # LM7481
Description  LM7481 3-V to 65-V Ideal Diode Controller Driving Back to Back NFETs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7481 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM7481 Datasheet HTML 14Page - Texas Instruments LM7481 Datasheet HTML 15Page - Texas Instruments LM7481 Datasheet HTML 16Page - Texas Instruments LM7481 Datasheet HTML 17Page - Texas Instruments LM7481 Datasheet HTML 18Page - Texas Instruments LM7481 Datasheet HTML 19Page - Texas Instruments LM7481 Datasheet HTML 20Page - Texas Instruments LM7481 Datasheet HTML 21Page - Texas Instruments LM7481 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
protection during various automotive transient tests as per ISO 7637-2 and ISO 16750-2 standard as well as
other automotive OEM standards. For more information, see the Automotive EMC-compliant reverse-battery
protection with ideal-diode controllers article.
LM74810 gate drive output DGATE controls MOSFET Q1 to provide reverse battery protection and true
reverse current blocking functionality. HGATE controls MOSFET Q2 to turn off the power path during input
overvoltage condition. Resistor network R1, R2 and R3 connected to OV and SW can be configured for
overvoltage protection and also for battery monitoring under normal operating conditions as well as reverse
battery conditions. Bi-directional TVS D1 clamps the automotive transient input voltages on the 12-V battery,
both positive and negative transients, to voltage levels safe for MOSFET Q1 and LM74810.
Fast reverse current blocking response and quick reverse recovery enables LM74810 to turn ON/OFF MOSFET
Q1 during AC super imposed input and provide active rectification of the AC input superimposed on DC battery
voltage. Fast reverse current blocking response of LM74810 helps to turn off MOSFET Q1 during negative
transients inputs and input micro short interruption conditions where input can fall to 0-V for short duration.
9.2.3 Detailed Design Procedure
9.2.3.1 Design Considerations
Table 9-1 summarizes the design parameters that must be known for designing an automotive reverse battery
protection circuit with overvoltage cut-off. During power up, inrush current through MOSFET Q2 needs to be
limited so that the MOSFET operates well within its SOA. Maximum load current, maximum ambient temperature
and thermal properties of the PCB determine the RDSON of the MOSFET Q2 and maximum operating voltage
determines the voltage rating of the MOSFET Q2. Selection of MOSFET Q2 is determined mainly by the
maximum operating load current, maximum ambient temperature, maximum frequency of AC super imposed
voltage ripple and ISO 7637-2 pulse 1 requirements. Overvoltage threshold is decided based on the rating
of downstream DC/DC converter or other components after the reverse battery protection circuit. A single
bi-directional TVS or two back-back uni-directional TVS are required to clamp input transients to a safe operating
level for the MOSFETs Q1, Q2 and LM74810.
9.2.3.2 Charge Pump Capacitance VCAP
Minimum required capacitance for charge pump VCAP is based on input capacitance of the MOSFET Q1,
CISS(MOSFET_Q1)and input capactiance of Q2 CISS(MOSFET).
Charge Pump VCAP: Minimum 0.1 µF is required; recommended value of VCAP (µF) ≥ 10 x ( CISS(MOSFET_Q1) +
CISS(MOSFET_Q2) ) (µF).
9.2.3.3 Input and Output Capacitance
A minimum input capacitance CIN of 0.1 µF and output capacitance COUT of 0.1 µF is recommended.
9.2.3.4 Hold-up Capacitance
Usually bulk capacitors are placed on the output due to various reasons such as uninterrupted operation during
power interruption or micro-short at the input, hold-up requirements for doing a memory dump before turning
of the module and filtering requirements as well. This design considers minimum bulk capacitors requirements
for meeting functional status "A" during LV124 E10 test case 2 100-µs input interruption. To achieve functional
pass status A, acceptable voltage droop in the output of LM74810 is based on the UVLO settings of downstream
DC-DC converters. For this design, 4.0-V drop in output voltage for 100 µs is considered and the minimum
hold-up capacitance required is calculated by
(3)
Minimum hold-up capacitance required to hold output with 4.0-V drop at 18-A current for 100 µs is 450 µF. A
470-uF electrolytic capacitor is a closest standard value that can be placed at the output. Note that the typical
application circuit shows the hold-up capacitor as optional because not all designs require hold-up capacitance.
LM7481
SNOSDD9 – DECEMBER 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM7481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com