Electronic Components Datasheet Search
  English  ▼

X  

LM7481 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM7481
Description  LM7481 3-V to 65-V Ideal Diode Controller Driving Back to Back NFETs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7481 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM7481 Datasheet HTML 15Page - Texas Instruments LM7481 Datasheet HTML 16Page - Texas Instruments LM7481 Datasheet HTML 17Page - Texas Instruments LM7481 Datasheet HTML 18Page - Texas Instruments LM7481 Datasheet HTML 19Page - Texas Instruments LM7481 Datasheet HTML 20Page - Texas Instruments LM7481 Datasheet HTML 21Page - Texas Instruments LM7481 Datasheet HTML 22Page - Texas Instruments LM7481 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
9.2.3.5 Overvoltage Protection and Battery Monitor
Resistors R1, R2 and R3 connected in series are used to program the overvoltage threshold and battery monitor
ratio. The resistor values required for setting the overvoltage threshold VOV to 37.0 V and battery monitor ratio
VBATT_MON : VBATT to 1:8 are calculated by solving Equation 4 and Equation 5.
(4)
(5)
For minimizing the input current drawn from the battery through resistors R1, R2 and R3, it recommended to
use higher value of resistance. Using high value resistors will add error in the calculations because the current
through the resistors at higher value will become comparable to the leakage current into the OV pin. Maximum
leakage current into the OV pin is 1 µA and choosing (R1 + R2 + R3) < 120 kΩ ensures current through resistors
is 100 times greater than leakage through OV pin.
Based on the device electrical characteristics, VOVR is 1.23 V and battery monitor ratio (VBATT_MON / VBATT) is
designed for a ratio of 1/8. To limit (R1 + R2 + R3) < 120 kΩ, select (R1 + R2) = 100 kΩ. Solving Equation 4 gives
R3 = 3.45 kΩ. Solving Equation 5 for R2 using (R1 + R2) = 100 kΩ and R3 = 3.45 kΩ, gives R2 = 9.48 kΩ and R1
= 90.52 kΩ.
Standard 1% resistor values closest to the calculated resistor values are R1 = 90.9 kΩ, R2 = 9.09 kΩ and R3 =
3.48 kΩ.
9.2.4 MOSFET Selection: Blocking MOSFET Q1
For selecting the blocking MOSFET Q1, important electrical parameters are the maximum continuous drain
current ID, the maximum drain-to-source voltage VDS(MAX), the maximum drain-to-source voltage VGS(MAX), the
maximum source current through body diode and the drain-to-source ON resistance RDSON.
The maximum continuous drain current, ID, rating must exceed the maximum continuous load current.
The maximum drain-to-source voltage, VDS(MAX), must be high enough to withstand the highest differential
voltage seen in the application. This would include all the automotive transient events and any anticipated fault
conditions. It is recommended to use MOSFETs with VDS voltage rating of 60 V along with a single bidirectional
TVS or a VDS rating 40-V maximum rating along with two unidirectional TVS connected back-back at the input.
The maximum VGS LM74810 can drive is 14 V, so a MOSFET with 15-V minimum VGS rating should be selected.
If a MOSFET with < 15-V VGS rating is selected, a zener diode can be used to clamp VGS to safe level, but this
would result in increased IQ current.
To reduce the MOSFET conduction losses, lowest possible RDS(ON) is preferred, but selecting a MOSFET based
on low RDS(ON) may not be beneficial always. Higher RDS(ON) will provide increased voltage information to
LM74810's reverse comparator at a lower reverse current. Reverse current detection is better with increased
RDS(ON). Choosing a MOSFET with < 50-mV forward voltage drop at maximum current is a good starting point.
For active rectification of AC super imposed ripple on the battery supply voltage, gate-source charge QGS of Q1
must be selected to meet the required AC ripple frequency. Maximum gate-source charge QGS (at 4.5-V VGS) for
active rectification every cycle is
GS_MAX
AC_RIPPLE
2.5mA
Q
F
(6)
www.ti.com
LM7481
SNOSDD9 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LM7481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com