Electronic Components Datasheet Search
  English  ▼

X  

LM7481 Datasheet(PDF) 23 Page - Texas Instruments

Part # LM7481
Description  LM7481 3-V to 65-V Ideal Diode Controller Driving Back to Back NFETs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7481 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM7481 Datasheet HTML 19Page - Texas Instruments LM7481 Datasheet HTML 20Page - Texas Instruments LM7481 Datasheet HTML 21Page - Texas Instruments LM7481 Datasheet HTML 22Page - Texas Instruments LM7481 Datasheet HTML 23Page - Texas Instruments LM7481 Datasheet HTML 24Page - Texas Instruments LM7481 Datasheet HTML 25Page - Texas Instruments LM7481 Datasheet HTML 26Page - Texas Instruments LM7481 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
9.4 Power Supply Recommendations
9.4.1 Transient Protection
When the external MOSFETs turn OFF during the conditions such as overvoltage cut-off, reverse current
blocking, EN/UVLO causing an interruption of the current flow, the input line inductance generates a positive
voltage spike on the input and output inductance generates a negative voltage spike on the output. The peak
amplitude of voltage spikes (transients) depends on the value of inductance in series to the input or output of
the device. These transients can exceed the Absolute Maximum Ratings of the device if steps are not taken to
address the issue.
Typical methods for addressing transients include:
• Minimizing lead length and inductance into and out of the device
• Using large PCB GND plane
• Use of a Schottky diode across the output and GND to absorb negative spikes
• A low value ceramic capacitor (C(IN) to approximately 0.1 μF) to absorb the energy and dampen the
transients.
The approximate value of input capacitance can be estimated with Equation 8.
(
)
( )
(
)
( )
( )
IN
spike Absolute
IN
Load
IN
L
V
V
I
C
=
+
´
(8)
where
• V(IN) is the nominal supply voltage
• I(LOAD) is the load current
• L(IN) equals the effective inductance seen looking into the source
• C(IN) is the capacitance present at the input
Some applications may require additional Transient Voltage Suppressor (TVS) to prevent transients from
exceeding the Absolute Maximum Ratings of the device. These transients can occur during EMC testing such as
automotive ISO7637 pulses.
The circuit implementation with optional protection components (a ceramic capacitor, TVS and schottky diode) is
shown in Figure 9-14
GND
DGATE
A
HGATE OUT
C
EN/UVLO
VIN
VOUT
LM74810
CAP
VS
ON OFF
Q1
Q2
D1
SW
R2
R1
OV
VSNS
R3
BATT_MON
CIN
COUT
D2
CVS
CVCAP
*
*
* Optional components needed for suppression of transients
Figure 9-14. Circuit Implementation with Optional Protection Components for LM7481
www.ti.com
LM7481
SNOSDD9 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LM7481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com