Electronic Components Datasheet Search
  English  ▼

X  

LM7481 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM7481
Description  LM7481 3-V to 65-V Ideal Diode Controller Driving Back to Back NFETs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7481 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM7481 Datasheet HTML 13Page - Texas Instruments LM7481 Datasheet HTML 14Page - Texas Instruments LM7481 Datasheet HTML 15Page - Texas Instruments LM7481 Datasheet HTML 16Page - Texas Instruments LM7481 Datasheet HTML 17Page - Texas Instruments LM7481 Datasheet HTML 18Page - Texas Instruments LM7481 Datasheet HTML 19Page - Texas Instruments LM7481 Datasheet HTML 20Page - Texas Instruments LM7481 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
LM74810 controls two N-channel power MOSFETs with DGATE used to control diode MOSFET to emulate
an ideal diode and HGATE controlling second MOSFET for power path cut-off when disabled or during an
overvoltage protection. HGATE controlled MOSFET can be used to clamp the output during overvoltage or load
dump conditions. LM74810 can be placed into low quiescent current mode using EN/UVLO, where both DGATE
and HGATE are turned OFF.
9.2 Typical 12-V Reverse Battery Protection Application
A typical application circuit of LM74810 configured to provide reverse battery protection with overvoltage
protection is shown in Figure 9-1.
GND
DGATE
A
HGATE
OUT
C
EN/UVLO
VOUT1
LM74810
CAP
VS
ON OFF
Q1
Q2
D1
SW
R2
R1
OV
VSNS
R3
BATT_MON
CIN
CLOAD
CVS
CCAP
SMBJ33CA
47 µF
0.1µF
0.1µF
0.1µF
R4
CdVdT
VBATT
90.9k
9.09k
3.48k
100
10nF
VOUT2 (ALWAYS ON)
Figure 9-1. Typical Application Circuit for 12-V Reverse Battery Protection and Overvoltage Protection
9.2.1 Design Requirements for 12-V Battery Protection
The system design requirements are listed in Table 9-1.
Table 9-1. Design Parameters - 12-V Reverse Battery Protection and Overvoltage Protection
DESIGN PARAMETER
EXAMPLE VALUE
Operating Input Voltage Range
12-V battery, 12-V nominal with 3.2-V Cold Crank and 35-V Load
Dump
Output Power
200 W
Output Current Range
12-A Nominal, 18-A maximum
Input Capacitance
0.1-µF minimum
Output Capacitance
0.1-µF minimum, (optional hold-up capacitor 470 µF)
Overvoltage Cut-off
37.0 V, output cut-off >37.0 V
Battery Monitor Ratio
8:1
9.2.2 Automotive Reverse Battery Protection
The LM74810 feature two separate gate control and driver outputs i.e DGATE and HGATE to drive back to
back N-channel MOSFETs. This enables LM74810 to provide comprehensive immunity with robust system
www.ti.com
LM7481
SNOSDD9 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LM7481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com