Electronic Components Datasheet Search
  English  ▼

X  

LM7481 Datasheet(PDF) 20 Page - Texas Instruments

Part # LM7481
Description  LM7481 3-V to 65-V Ideal Diode Controller Driving Back to Back NFETs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7481 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM7481 Datasheet HTML 16Page - Texas Instruments LM7481 Datasheet HTML 17Page - Texas Instruments LM7481 Datasheet HTML 18Page - Texas Instruments LM7481 Datasheet HTML 19Page - Texas Instruments LM7481 Datasheet HTML 20Page - Texas Instruments LM7481 Datasheet HTML 21Page - Texas Instruments LM7481 Datasheet HTML 22Page - Texas Instruments LM7481 Datasheet HTML 23Page - Texas Instruments LM7481 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
where 2.5 mA is minimum charge pump current at 7-V VDGATE - VA, FAC_RIPPLE is frequency of the AC ripple
superimposed on the battery and QGS_MAX is the QGS value specified in manufacturer datasheet at 6-V VGS. For
active rectification at FAC_RIPPLE = 30 KHz, QGS_MAX = 83 nC. Further for active rectification at FAC_RIPPLE = 200
KHz, QGS_MAX = 12.5 nC.
Based on the design requirements, BUK9J0R9-40H MOSFET is selected and its ratings are:
• 40-V VDS(MAX) and 16-V VGS(MAX)
• RDS(ON) 0.97-mΩ typical at 4.5-V VGS and 0.82 mΩ rated at 10-V VGS
• MOSFET QGS_MAX 30.2 nC
Thermal resistance of the MOSFET should be considered against the expected maximum power dissipation in
the MOSFET to ensure that the junction temperature (TJ) is well controlled.
9.2.5 MOSFET Selection: Hot-Swap MOSFET Q2
The VDS rating of the MOSFET Q2 should be sufficient to handle the maximum system voltage along with the
input transient voltage. For this 12-V design, transient overvoltage events are during suppressed load dump 35
V 400 ms and ISO 7637-2 pulse 2 A 50 V for 50 µs. Further, ISO 7637-2 Pulse 3B is a very fast repetitive pulse
of 100 V 100 ns that is usually absorbed by the input and output ceramic capacitors and the maximum voltage
on the 12-V battery can be limited to < 40 V the minimum recommended input capacitance of 0.1 µF. The 50-V
SO 7637-2 Pulse 2 A can also be absorbed by input and output capacitors and its amplitude could be reduced
to 40-V peak by placing sufficient amount of capacitance at input and output. For this 12-V design, a 40-V VDS
rated MOSFET is selected.
The VGS rating of the MOSFET Q2 should be higher than that maximum HGATE-OUT voltage 15 V.
Inrush current through the MOSFET during input hot-plug into the 12-V battery is determined by output
capacitance. External capacitor on HGATE, CDVDT is used to limit the inrush current during input hot-plug or
startup. The value of inrush current determined by Equation 2 need to be selected to ensure that the MOSFET
Q2 is operating well within its safe operating area (SOA). Considering COUT = 470 µF and inrush current of 2.5
A, the calculated value of CDVDT is 9.96 nF. Closest standard value of 10.0 nF is chosen for this design.
Duration of inrush current is calculated by:
(7)
Calculated inrush current duration is 2.36 ms with 2.5-A inrush current.
MOSFET BUK9J0R9-40H having 40-V VDS and 16 V VGS rating is selected for Q2. Power dissipation during
inrush is well within the MOSFET's safe operating area (SOA).
9.2.6 TVS selection
For 40-V rated MOSFET, two bi-directional 600-W SMBJ TVS, SMBJ33A and SMBJ16A are recommended for
input transient clamping and protection. For detailed explanation on TVS selection for 12-V battery systems,
refer to TVS Selection for 12-V Battery Systems and refer to TVS Selection for 24-V Battery Systems for 24-V
battery systems.
LM7481
SNOSDD9 – DECEMBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM7481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com