Electronic Components Datasheet Search
  English  ▼

X  

TFS757 Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # TFS757
Description  Combined Two-Switch Forward and Flyback Power Supply Controllers with Integrated High Voltage MOSFETs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TFS757 Datasheet(HTML) 3 Page - Power Integrations, Inc.

  TFS757 Datasheet HTML 1Page - Power Integrations, Inc. TFS757 Datasheet HTML 2Page - Power Integrations, Inc. TFS757 Datasheet HTML 3Page - Power Integrations, Inc. TFS757 Datasheet HTML 4Page - Power Integrations, Inc. TFS757 Datasheet HTML 5Page - Power Integrations, Inc. TFS757 Datasheet HTML 6Page - Power Integrations, Inc. TFS757 Datasheet HTML 7Page - Power Integrations, Inc. TFS757 Datasheet HTML 8Page - Power Integrations, Inc. TFS757 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Rev. E 04/15
3
TFS757-764HG
www.power.com
Description
The HiperTFS device family members incorporate both a
high-power two-switch-forward converter and a mid-power
flyback (standby) converter into a single, low-profile eSIP™
power package. The single chip solution provides the controllers
for the two-switch-forward and flyback converters, high- and
low-side drivers, all three of the high-voltage power MOSFETs,
and eliminates the converter’s need for costly external pulse
transformers. The device is ideal for high power applications
that require both a main power converter (two-switch forward)
up to 414 W, and standby converter (flyback) up to 20 W.
HiperTFS includes Power Integrations’ standard set of comprehen-
sive protection features, such as integrated soft-start, fault and
over-load protection, and hysteretic thermal shutdown.
HiperTFS utilizes advanced power packaging technology that
simplifies the complexity of two-switch forward layout, mounting
and thermal management, while providing very high power
capabilities in a single compact package. The devices operate
over a wide input voltage range, and can be used following a
power-factor correction stage such as HiperPFS.
Two-switch-forward power converters are often selected for
applications demanding cost-effective efficiency, fast transient
response, and accurate tolerance to line voltage fluctuation. The
two-switch-forward controller incorporated into HiperTFS
devices improves on the classic topology by allowing operation
considerably above 60% duty cycle. This improvement reduces
RMS currents conduction losses, minimizes the size and cost of
the bulk capacitor, and minimizes output diode voltage ratings.
The advanced design also includes transformer flux reset
control (saturation protection) and charge-recovery switching of
the high-side MOSFET, which reduces switching losses. This
combination of innovations yields an extremely efficient power
supply with smaller MOSFETs, fewer passives and discrete
components, and a lower-cost transformer.
HiperTFS’s flyback standby controller and MOSFET solution is
based on the highly popular TinySwitch™ technology used in
billions of power converter ICs due to its simplicity of operation,
light load efficiency, and rugged, reliable, performance. This
flyback converter can provide up to 20 W of output power and
the built in overload power compensation reduces component
design margin.
Product Highlights
Protected Two-Switch Forward and
Flyback Combination Solution
•
Incorporates three high-voltage power MOSFETs, main and
standby controllers, and gate drivers
•
Level shift technology eliminates need for pulse transformer
•
Programmable line undervoltage (UV) detection prevents
turn-off glitches
•
Programmable line overvoltage (OV) detection; latching and
non-latching
•
Accurate hysteretic thermal shutdown (OTP)
•
Accurate selectable current limit (main and standby)
•
Fully integrated soft-start for minimum start-up stress
•
Simple fast AC reset
•
Reduced EMI
•
Synchronized 66 kHz forward and 132 kHz flyback
converters
•
Frequency jitter
•
Eliminates up to 30 discrete components for higher reliability
and lower cost
Asymmetrical Two-Switch Forward Reduces Losses
•
Allows >50% duty cycle operation
•
Reduces primary side RMS currents and conduction losses
•
Minimizes the size and cost of the bulk capacitor
•
Allows reduced capacitance or longer hold-up time
•
Allows lower voltage output diodes
•
Transformer reset control
•
Prevents transformer saturation under all conditions
•
Extends duty cycle to satisfy AC cycle drop out ride through
•
Duty cycle soft-start with 115% current limit boost
•
Satisfies 2 ms ~ 20 ms start-up with large capacitance at
output
•
Remote ON/OFF function
•
Voltage mode controller with current limit
20 W Flyback with Selectable Power Limit
•
TinySwitch-III based converter
•
Selectable power limit (10 W, 12.5 W, 15 W, or 20 W)
•
Built-in overload power compensation
•
Flat overload power vs. input voltage
•
Reduces component stress during overload conditions
•
Reduces required design margin for transformer and output
diode
•
Output overvoltage (OV) protection with fast AC reset
•
Latching, non-latching, or auto-restart
•
Output short-circuit protection (SCP) with auto-restart
•
Output over-current protection (OCP)
Advanced Package for High Power Applications
•
434 W output power capability in a highly compact package
•
Up to 550 W peak
•
Simple clip mounting to heat sink
•
Can be directly connected to heat sink without insulation pad
•
Provides thermal impedance equivalent to a TO-220
•
Heat slug connected to ground potential for low EMI
•
Staggered pin arrangement for simple routing of board traces
and high-voltage creepage requirements
•
Single power package for two power converters reduces
assembly costs layout size



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com